Electronic Components Datasheet Search
  English  ▼

X  

HM8871DF Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8871DF
Description  AB//D class switching, overheating, undervoltage, overcurrent protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8871DF Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8871DF Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8871
A
AB
B//D
D 类
类切
切换
换、
、过
过热
热&
&欠
欠压
压&
&过
过流
流保
保护
护、
、无
无 F
FM
M 干
干扰
扰+
+5
5W
W(
(22Ω
Ω)
)
8871
芯片功能说明
8871 是一款 无 FM 干扰,AB/D 类可选式功
率放大器。5V 工作电压时,最大驱动功率为 5W
(2Ω,BTL 负载,THD<10%),音频范围内总谐
波失真噪声小于 1%。
1 的应用电路简单,
只需极少数外围器件,集成反馈电阻;输出不需
要外接耦合电容或上举电容和缓冲网络。
采用 MSOP/SOP/ ESOP/DFN 封装,特
别适合用于小音量、小体重的便携系统中。可以
通过控制进入休眠模式,从而减少功耗。
内部具有过热自动关断保护机制;工作稳定,增
益带宽积高达 2.5MHz,并且单位增益稳定。反
馈电阻内置,通过配置外围参数可以调整放大器
的电压增益及最佳音质效果,方便应用。是您
USB 低音炮及扩音器完美的解决方案。
芯片功能主要特性
对 FM 无干扰,高效率,音质优
输出功率高(THD+N<10%,1KHz 频率):
ESOP 封装的为 5W(2Ω 负载)和 3.5W(3Ω 负
载)
,3W(4Ω 负载)
掉电模式漏电流小
采用 MSOP/SOP/ ESOP/DFN 封装
外部增益可调,集成反馈
宽工作电压范围 2.0V—5.0V
不需驱动输出耦合电容、自举电容和缓冲网络
单位增益稳定
兼容 LM4871
芯片的基本应用
手提电脑
台式电脑
低压音响系统、USB、2.1/2.0 多媒体音响
原理框图
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
1
HM8871


Similar Part No. - HM8871DF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8870 HMSEMI-HM8870 Datasheet
664Kb / 7P
3.5W/3.7V, ultra low EMI, ultra low noise, anti-breaking, mono AB/D dual mode audio amplifier
HM8872 HMSEMI-HM8872 Datasheet
408Kb / 8P
8W single channel class F wide voltage audio power amplifier
HM8873 HMSEMI-HM8873 Datasheet
2Mb / 9P
ultra-low EMI, differential input, 20W mono AB/D audio power amplifier
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
10W anti-breaking sound mono Class D audio power amplifier
HM8875 HMSEMI-HM8875 Datasheet
1Mb / 9P
5W single channel boost anti-breaking class F amplifier
More results

Similar Description - HM8871DF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
Overcurrent Protection
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
Overcurrent protection
logo
Tyco Electronics
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
Overcurrent Protection Device
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
Overcurrent Protection Device
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
Overcurrent protection
15-Nov-2010
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
Shenzhen Naxinwei Techn...
NS4160 NSIWAY-NS4160 Datasheet
625Kb / 14P
Class AB/Class D switching, ultra-low EMI, no filter required, 5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com