Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS151D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS151D
Description  SN74HCS151 8-to-1 Multiplexer with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS151D Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS151D Datasheet HTML 1Page - Texas Instruments SN74HCS151D Datasheet HTML 2Page - Texas Instruments SN74HCS151D Datasheet HTML 3Page - Texas Instruments SN74HCS151D Datasheet HTML 4Page - Texas Instruments SN74HCS151D Datasheet HTML 5Page - Texas Instruments SN74HCS151D Datasheet HTML 6Page - Texas Instruments SN74HCS151D Datasheet HTML 7Page - Texas Instruments SN74HCS151D Datasheet HTML 8Page - Texas Instruments SN74HCS151D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN74HCS151 8-to-1 Multiplexer with Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Data selection
• Multiplexing
3 Description
The SN74HCS151 is a data selector/multiplexer
containing full binary decoding to select one of eight
data sources and complementary outputs. The strobe
(G) input must be at a low logic level to enable the
inputs. A high level at the strobe terminal forces the W
output high and the Y output low.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS151PW
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS151D
SOIC (16)
9.90 mm × 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS151
SCLS845 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS151
SN74HCS151
SCLS845 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS151D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS151D TI2-SN74HCS151D Datasheet
942Kb / 27P
SN74HCS151 8-to-1 Multiplexer with Schmitt-Trigger Inputs
REVISED OCTOBER 2020
SN74HCS151D-Q1 TI-SN74HCS151D-Q1 Datasheet
679Kb / 19P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS151D-Q1 TI-SN74HCS151D-Q1 Datasheet
2Mb / 39P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS151DR TI2-SN74HCS151DR Datasheet
942Kb / 27P
SN74HCS151 8-to-1 Multiplexer with Schmitt-Trigger Inputs
REVISED OCTOBER 2020
SN74HCS151DR.A TI2-SN74HCS151DR.A Datasheet
942Kb / 27P
SN74HCS151 8-to-1 Multiplexer with Schmitt-Trigger Inputs
REVISED OCTOBER 2020
More results

Similar Description - SN74HCS151D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS151-Q1 TI-SN74HCS151-Q1 Datasheet
679Kb / 19P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS153-Q1 TI-SN74HCS153-Q1 Datasheet
671Kb / 18P
SN74HCS153-Q1 Automotive Dual 4-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS157-Q1 TI-SN74HCS157-Q1 Datasheet
667Kb / 18P
SN74HCS157-Q1 Automotive Quadruple 2-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS251-Q1 TI-SN74HCS251-Q1 Datasheet
1Mb / 24P
SN74HCS251-Q1 Automotive 8-to-1 Multiplexer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS153 TI-SN74HCS153 Datasheet
1Mb / 24P
SN74HCS153 Dual 4-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS157 TI-SN74HCS157 Datasheet
1Mb / 24P
SN74HCS157 Quadruple 2-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS251 TI-SN74HCS251 Datasheet
1Mb / 25P
SN74HCS251 8-to-1 Multiplexer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS151-Q1 TI-SN74HCS151-Q1_V01 Datasheet
2Mb / 39P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS153-Q1 TI-SN74HCS153-Q1_V01 Datasheet
2Mb / 31P
SN74HCS153-Q1 Automotive Dual 4-to-1 Multiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS157-Q1 TI-SN74HCS157-Q1_V01 Datasheet
2Mb / 31P
SN74HCS157-Q1 Automotive Quadruple 2-to-1 Multiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com