Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS157D Datasheet(PDF) 21 Page - Texas Instruments

Part # SN74HCS157D
Description  SN74HCS157 Quadruple 2-to-1 Multiplexer with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS157D Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74HCS157D Datasheet HTML 16Page - Texas Instruments SN74HCS157D Datasheet HTML 17Page - Texas Instruments SN74HCS157D Datasheet HTML 18Page - Texas Instruments SN74HCS157D Datasheet HTML 19Page - Texas Instruments SN74HCS157D Datasheet HTML 20Page - Texas Instruments SN74HCS157D Datasheet HTML 21Page - Texas Instruments SN74HCS157D Datasheet HTML 22Page - Texas Instruments SN74HCS157D Datasheet HTML 23Page - Texas Instruments SN74HCS157D Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X 0.65
2X
4.55
16X
0.30
0.19
TYP
6.6
6.2
1.2 MAX
0.15
0.05
0.25
GAGE PLANE
-8
0
B
NOTE 4
4.5
4.3
A
NOTE 3
5.1
4.9
0.75
0.50
(0.15) TYP
TSSOP - 1.2 mm max height
PW0016A
SMALL OUTLINE PACKAGE
4220204/A 02/2017
1
8
9
16
0.1
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-153.
SEATING
PLANE
A 20
DETAIL A
TYPICAL
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24