Electronic Components Datasheet Search
  English  ▼

X  

PIO-64H Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # PIO-64H
Description  Digital I/O Board with Optocoupler Isolation for PCI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

PIO-64H Datasheet(HTML) 2 Page - Contec Co., Ltd

  PIO-64H Datasheet HTML 1Page - Contec Co., Ltd PIO-64H Datasheet HTML 2Page - Contec Co., Ltd PIO-64H Datasheet HTML 3Page - Contec Co., Ltd PIO-64H Datasheet HTML 4Page - Contec Co., Ltd PIO-64H Datasheet HTML 5Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver.1.13
Ver.1.11
PIO-64/64L(PCI)H
2
Board Dimensions
Windows version of digital I/O driver API-DIO(WDM)/API-
DIO(98/PC)
[Stored on the bundled disk driver library API-PAC(W32)]
The API-DIO(WDM) is the Windows version driver library
software that provides products in the form of Win32 API
functions (DLL).
Various sample programs such as Visual
Basic and Visual C++, etc and diagnostic program *1useful for
checking operation is provided.
For more details on the supported OS, applicable language
and new information, please visit the CONTEC’s Web site.
Linux version of digital I/O driver API-DIO(LNX)
[Stored on the bundled disk driver library API-PAC(W32)]
The API-DIO(LNX) is the Linux version driver software which
provides device drivers (modules) by shared library and kernel
version.
Various sample programs of gcc are provided.
For more details on the supported OS, applicable language
and new information, please visit the CONTEC’s Web site.
LabVIEW-support data acquisition library DAQfast for
LabVIEW
(Available for downloading (free of charge) from the
CONTEC web site.)
This is a data collection library to use in the LabVIEW by
National Instruments.
With Polymorphic VI, our design
enables a LabVIEW user to operate seamlessly.
Our aim is
that the customers to perform easily, promptly what they wish
to do.
For more details on the library and download of DAQfast for
LabVIEW, please visit the CONTEC’s Web site.
Data acquisition library for LabVIEW
VI-DAQ (Available
for downloading (free of charge) from the CONTEC web
site.)
This is a VI library to use in National Instruments LabVIEW.
VI-DAQ is created with a function form similar to that of
LabVIEW's Data Acquisition VI, allowing you to use various
devices without complicated settings.
For more details on the library and download of VI-DAQ,
please visit the CONTEC’s Web site.
Board [PIO-64/64L(PCI)H] …1
First step guide … 1
Disk *1 [API-PAC(W32)] …1
Warranty Certificate…1
Serial Number Label…1
*1
The bundled disk contains the driver software and User’s Guide.
Shielded Cable With Two 100pin Connector
: PCB100PS-0.5 (0.5m)
: PCB100PS-1.5 (1.5m)
: PCB100PS-3 (3m)
: PCB100PS-5 (5m)
Connection Conversion Shield Cable (100P
→96P)
: PCB100/96PS-1.5 (1.5m)
: PCB100/96PS-3 (3m)
: PCB100/96PS-5 (5m)
Flat Cable with One 100-Pin Connector
: PCA100P-1.5(1.5m)
: PCA100P-3(3m)
: PCA100P-5(5m)
Connection Conversion Shield Cable
(100pin
→37pin D-SUB x 2)
: PCB100WS-1.5(1.5m)
: PCB100WS-3(3m)
: PCB100WS-3(3m)
Screw Terminal Unit (M3 x 100P)
: EPD-100A *1*4*6
Screw Terminal Unit (M3 x 96P)
: EPD-96A *2*4*6
Screw Terminal Unit (M3.5 x 96P)
: EPD-96 *2*4
Terminal Unit for Cables (M2.5 x 96P)
: DTP-64A *2*4
Connector Conversion Board (96-Pin
→37-Pin x 2)
: CCB-96 *1
Signal Monitor for Digital I/O(64Bits)
: CM-64L *2*4
Screw Terminal Unit (M3 x 37P)
: EPD-37A *3*5*6
Screw Terminal Unit (M3.5 x 37P)
: EPD-37 *3*5
General Purpose Terminal (M3 x 37P)
: DTP-3A *3*5
Screw Terminal (M2.6 x 37P)
: DTP-4C *3*5
*1
PCB100PS optional cable is required separately.
*2
PCB100/96PS optional cable is required separately.
*3
PCB100WS optional cable is required separately.
*4
If using both the CNA and CNB connectors, two each of the terminal block and cable
sets are required.
*5
If using both the CNA and CNB connectors, two cable sets are required.
You will also require sufficient terminal blocks for the number of I/O points you are using.
*6
“Spring-up” type terminal is used to prevent terminal screws from falling off.
*
Check the CONTEC’s Web site for more information on these options.
[mm]
The standard outside dimension (L) is
the distance from the end of the board
to the outer surface of the slot cover.
176.41(L)
Cable & Connector (Option)
Support Software
Accessories (Option)
Packing List



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com