Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32F0A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Compact reference design kit for robotics and automation based on STSPIN32F0A
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN32F0A Datasheet HTML 1Page - STMicroelectronics STSPIN32F0A Datasheet HTML 2Page - STMicroelectronics STSPIN32F0A Datasheet HTML 3Page - STMicroelectronics STSPIN32F0A Datasheet HTML 4Page - STMicroelectronics STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
•
36 V/6 Apeak power stage
•
STSPIN32F0A advanced 3-phase motor controller embedding Cortex-M0 MCU
•
STL7DN6LF3 60 V, 35 mΩ Dual N-channel MOSFETs
•
Hall sensors
•
Position control loop based on Field Oriented Control
•
MODBUS communication protocol through RS-485
•
Extremely compact footprint (40 mm x 40 mm)
•
maxon EC-i 40 100 W 3-phase brushless DC motor
•
maxon ENX 16 EASY 1024-pulse incremental encoder
Description
The EVALKIT-ROBOT-1 is an evaluation kit offering a ready-to-use servo brushless
solution.
Thanks to the high integration level of the STSPIN32F0A, the control board provides
a powerful power stage, the analog circuitry implementing current sensing and
overcurrent protection and a Cortex-M0 microcontroller performing a Field-Oriented
Control with closed-loop positioning. All packed into a 40 mm x 40 mm footprint.
The maxon EC-i 40 motor, thanks to the optimized magnetic circuit, offers a very high
torque density and very low cogging torque. In combination with the maxon ENX 16
EASY 1024 pulses incremental encoder, it is an excellent choice for reliable, robust
and high-precision position and speed control.
Product status link
EVALKIT-ROBOT-1
Compact reference design kit for robotics and automation based on
STSPIN32F0A
EVALKIT-ROBOT-1
Data brief
DB4049 - Rev 3 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSPIN32F0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
943Kb / 41P
Advanced BLDC controller with embedded STM32 MCU
September 2017 Rev 2.0
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
STSPIN32F0ATR STMICROELECTRONICS-STSPIN32F0ATR Datasheet
943Kb / 41P
Advanced BLDC controller with embedded STM32 MCU
September 2017 Rev 2.0
More results

Similar Description - STSPIN32F0A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Silicon Laboratories
UG124 SILABS-UG124 Datasheet
496Kb / 18P
ZigBee Contact Sensor Reference Design Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7053-ND24 AVAGO-ADNK-7053-ND24 Datasheet
98Kb / 6P
Complete laser mouse reference design kit
logo
STMicroelectronics
AN2393 STMICROELECTRONICS-AN2393 Datasheet
608Kb / 35P
Reference design: wide range 200W L6599-based
25-Oct-2007
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
Reference Design Eval Kit
logo
STMicroelectronics
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
STEVAL-ASTRA1B STMICROELECTRONICS-STEVAL-ASTRA1B Datasheet
917Kb / 28P
Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
11-Mar-2022
EVLVIPGAN50PD STMICROELECTRONICS-EVLVIPGAN50PD Datasheet
2Mb / 9P
45 W QR USB PD adaptor reference design based on VIPERGAN50 and STUSB4761
EVLONE65W STMICROELECTRONICS-EVLONE65W_V01 Datasheet
437Kb / 10P
65W USB-PD certified reference design based on ST-ONE
06-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com