Electronic Components Datasheet Search
  English  ▼

X  

STD140N6F7 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD140N6F7
Description  Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD140N6F7 Datasheet(HTML) 2 Page - STMicroelectronics

  STD140N6F7 Datasheet HTML 1Page - STMicroelectronics STD140N6F7 Datasheet HTML 2Page - STMicroelectronics STD140N6F7 Datasheet HTML 3Page - STMicroelectronics STD140N6F7 Datasheet HTML 4Page - STMicroelectronics STD140N6F7 Datasheet HTML 5Page - STMicroelectronics STD140N6F7 Datasheet HTML 6Page - STMicroelectronics STD140N6F7 Datasheet HTML 7Page - STMicroelectronics STD140N6F7 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
Solution overview
The STEVAL-SPIN3204 motor control board can be set up to control a three-phase brushless DC (BLDC) motor
based on position feedback data from one of the following sources:
•
external quadrature encoders or Hall Effect sensors
•
on-board circuitry that senses the back electromotive force (BEMF) generated by the load motor.
Figure 1. STEVAL-SPIN3204 motor control block diagram
OC comp
threshold
select
DC/DC Buck conv
SW
VM
STM32F031 MCU
OC_SEL
control
Gate Driver
Control Logic
12V
VREG
VREG12
VM
3.3V
R
HS
OUT
LS
VBOOT
3x Power Half-bridge
GH
R
VBUS
GL
HS
LS
BEMF
circuit
VDD
GPIO_BEMF
STSW-SPIN3204
motor control
Firmware
STM32F103CB
LDO regulator
LD3985
ESD protection
USBLC6-2
3V3_STLINK
USB Type B Mini
MCU
STSPIN32F0B
BLDC
controller
ST-LINK/V2-1
programming interface
THREE-PHASE
BLDC MOTOR
← Hall or encoder →
STEVAL-SPIN3204
evaluation board
OPAMP
The power stage on the board delivers 15 ARMS DC current from three STD140N6F7 MOSFETs in half-bridge
configuration managed by the triple half-bridge gate driver on the BLDC controller.
The board senses the current flowing into the motor phases through a shunt resistor, and the resulting signal is
amplified, filtered and forwarded to the STSPIN32F0B BLDC controller MCU and control logic gate driver for
monitoring and peak current limitation or overcurrent protection, depending on the driving method implemented in
the firmware (voltage mode or current mode, respectively). Voltage sensing is implemented through a voltage
divider from the motor supply voltage (VBUS) and sent to the BLDC controller MCU for monitoring purposes.
The board also features an embedded ST-LINK/V2-1 programmer/debugger to help you load, test and modify the
motor controller firmware.
STEVAL-SPIN3204
Solution overview
DB3914 - Rev 1
page 2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com