Electronic Components Datasheet Search
  English  ▼

X  

STPSC8065-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC8065-Y
Description  Automotive 650 V power Schottky silicon carbide diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8065-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC8065-Y Datasheet HTML 1Page - STMicroelectronics STPSC8065-Y Datasheet HTML 2Page - STMicroelectronics STPSC8065-Y Datasheet HTML 3Page - STMicroelectronics STPSC8065-Y Datasheet HTML 4Page - STMicroelectronics STPSC8065-Y Datasheet HTML 5Page - STMicroelectronics STPSC8065-Y Datasheet HTML 6Page - STMicroelectronics STPSC8065-Y Datasheet HTML 7Page - STMicroelectronics STPSC8065-Y Datasheet HTML 8Page - STMicroelectronics STPSC8065-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPSC8065-Y
Characteristics
DocID030729 Rev 2
3/9
Table 5: Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Unit
QCj(1)
Total capacitive charge
VR = 400 V
28
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
540
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
45
Notes:
(1)Most accurate value for the capacitive charge:
������������ = ∫
��������(��������)
����������������
0
• ������������



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com