Electronic Components Datasheet Search
  English  ▼

X  

MCP3551 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3551
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3551 Datasheet HTML 3Page - Microchip Technology MCP3551 Datasheet HTML 4Page - Microchip Technology MCP3551 Datasheet HTML 5Page - Microchip Technology MCP3551 Datasheet HTML 6Page - Microchip Technology MCP3551 Datasheet HTML 7Page - Microchip Technology MCP3551 Datasheet HTML 8Page - Microchip Technology MCP3551 Datasheet HTML 9Page - Microchip Technology MCP3551 Datasheet HTML 10Page - Microchip Technology MCP3551 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21950B-page 7
MCP3551/3
Note: Unless otherwise specified, TA = +25°C, VDD = 5V, VREF = 2.5V, VSS = 0V, VCM = VREF/2, VIN+ = VIN-.
All ppm units use 2*VREF as full-scale range. Unless otherwise noted, graphs apply to entire MCP3551/3 family.
FIGURE 2-7:
Output Noise vs. Input
Voltage (VDD = 5.0V).
u
FIGURE 2-8:
Output Noise vs. VREF.
FIGURE 2-9:
Output Noise vs.VDD.
FIGURE 2-10:
Output Noise vs.
Temperature.
FIGURE 2-11:
Offset Error vs VDD
(VCM =0V).
FIGURE 2-12:
Offset Error vs.
Temperature (VREF = 5.0V).
0
5
10
15
-2.5
-1.5
-0.5
0.5
1.5
2.5
VIN (V)
MCP3553
MCP3551
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.0
1.0
2.0
3.0
4.0
5.0
VREF (V)
MCP3551
MCP3553
0
1
2
3
4
5
6
7
8
9
10
2.533.5
44.555.5
VDD (V)
MCP3551
MCP3553
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Temperature (°C)
MCP3551
MCP3553
0
1
2
3
4
5
2.533.5
44.5
55.5
V
DD (V)
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com