Electronic Components Datasheet Search
  English  ▼

X  

HM5061 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5061
Description  Single-cell 2.5A switching lithium battery management
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5061 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5061 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5061 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4
芯片功能示意图
VA
TC
CA
RQ
4.2V
/cell
2.9V
/cell
4.1V
/cell
SEN
BAT
Ccold
Vcold
Chot
Vhot
TEMP
VDD
82uA
PWM
osc
Islope
Isense
TC/CC
LOGIC
R
S
Q
Driver
Driver
SR
logic
OVP
OTP
SW
CHRG
EN
IN
GND
3
2
1
6
9
4
7
8
LDO
VDD
CS
Qn
BS 5
Block
Driver
ThemalPAD
绝对最大额定值
参数
范围
单位
VIN, CHRG,BS SW, SEN,EN 电压
-0.3~18
V
TEMP
-0.3~6
V
SW脚电流
3.8
A
封装热阻
θJA
63
℃
/W
封装功耗
1.98
W
工作环境温度范围
-40~85
℃
最大结温范围
-40~150
℃
储存温度范围
-55~150
℃
引脚温度和时间
+300(10S)
℃
注意:绝对最大额定值是本产品能够承受的最大物理伤害极限值,请在任何情况下勿超出该额定值。
HM5061



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com