Electronic Components Datasheet Search
  English  ▼

X  

HM5167 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5167
Description  13V, 10A fully integrated synchronous boost converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5167 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5167 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
-3-
◼ TERMINAL CONFIGURATION
◼ TERMINAL FUNCTION
Terminal
No.
NAME
I/O*1
Description
1
VCC
O
Output of the internal regulator. A ceramic capacitor of 2.2uF is
required between this pin and ground.
2
EN
I
Enable logic input. Logic high level enables the device. Logic low
level disables the device and turns it into shutdown mode.
3
FSW
I
The switching frequency is programmed by a resister between
this pin and the SW pin.
4/5/6/7
SW
PWR
The switching node pin of the converter.
8
BOOT
O
Power supply for high-side MOSTFET gate driver. A ceramic
capacitor of
0.1μF must be connected between this pin and the
SW pin.
9
VIN
I
IC power supply input.
10
SS
O
Soft-start programming pin. An external capacitor connected to
ground sets the ramp rate of the internal error amplifier’s
reference voltage during soft-start
11
DIS
O
A gate drive output for the external disconnect FET. Connect the
DISDRV pin to the gate of the external FET. Leave it floating if
not using the load disconnect function.
12
NC
-
No connection inside the device. Connect these two pins to
ground plane on the PCB for good thermal dissipation.
13
MODE
I
Operation mode selection pin for the device in light load condition.
When this pin is connected to ground, the device works in PWM
mode. When this pin is left floating, the device works in PFM
mode.
14/15/16
VOUT
PWR
Boost converter output.
17
FB
I
Voltage feedback.
18
COMP
O
Output of the internal error amplifier, the loop compensation
network should be connected between this pin and the AGND pin.
19
ILIM
I
Adjustable switch peak current limit. An external resister should
be connected between this pin and the AGND pin.
20
AGND
-
Signal ground of the IC.
0
PGND
PWR
Power ground of the IC.
1 I: input
O: output
PWR: power
HM516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com