Electronic Components Datasheet Search
  English  ▼

X  

HM5168 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5168
Description  20V, 14A fully integrated synchronous boost converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5168 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5168 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5168 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
-4-
◼ ORDERING INFORMATION
H
M
5
1
6
8
Part Number
Package Type
Marking
Operating
Temperature Range
MOQ/Shipping
Package
HM5168
DFN20
HM5168
UVWXYZ *2
-40
℃~85℃
Reel
*2:UVWXYZ is production track code.
HM5168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com