Electronic Components Datasheet Search
  English  ▼

X  

P2003KV Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P2003KV
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P2003KV Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P2003KV Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P2003KV Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P2003KV Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P2003KV Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P2003KV Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P2003KV
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-30
-1.0
-1.5
-3
±100
nA
-1
-10
29
34
20
22
20
S
1480
334
231
2.9
Ω
30
15
5
6
13
8
16
12
-2
A
-1
V
40
nS
26
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
mA
VDS = -20V, VGS = 0V , TJ = 125 °C
VDS = VGS, ID = -250mA
VDS = 0V, VGS = ±25V
Reverse Transfer Capacitance
VGS = 0V, VDS = -15V, f = 1MHz
gfs
Gate Threshold Voltage
DYNAMIC
V
IGSS
pF
VDS = -24V, VGS = 0V
Input Capacitance
Ciss
Coss
Crss
Qgd
Qgs
nC
VGS(th)
Forward Transconductance
1
VGS = 0V, ID = -250mA
V(BR)DSS
Zero Gate Voltage Drain Current
Gate-Body Leakage
IDSS
Reverse Recovery Charge
Continuous Current
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
IF = -9A, VGS = 0V
trr
STATIC
LIMITS
UNIT
PARAMETER
Fall Time
2
SYMBOL
Qg(VGS=-
4.5V)
Qg(VGS=-10V)
VDS = 0.5V(BR)DSS, VGS = -10V,
ID = -9A
Drain-Source Breakdown Voltage
TEST CONDITIONS
Output Capacitance
Gate-Drain Charge
2
Gate-Source Charge
2
VGS = -4.5V, ID = -7A
VDS = -5V, ID = -9A
IF = -9A, dlF/dt = 100A / mS
nS
VDS = -15V,
ID @ -9A, VGS = -10V, RGS = 6Ω
td(on)
tr
td(off)
tf
VSD
IS
Qrr
Forward Voltage
1
Reverse Recovery Time
mΩ
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -10V, ID = -9A
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
2
Ver 1.0
2
2012/4/13



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com