Electronic Components Datasheet Search
  English  ▼

X  

0804549 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0804549
Description  GMSTBV 2,5/12-G-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GMSTBV 2,5/12-G-7,62 Order No.: 1767119
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1767119
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Jan 25, 2011
Marking
0804549
SK 7,62/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 12 identical decades marked 1-10, 11-20 etc. up to 91-99,
sufficient for 120 terminal blocks
Plug/Adapter
1734401
CR-MSTB
Coding section, inserted into the recess in the header or the
inverted plug, red insulating material
Additional products
Item
Designation
Description
General
1806216
FRONT-GMSTB 2,5/12-ST-7,62
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630
V, Number of positions: 12, Pitch: 7.62 mm, Color: green, Metal
surface: Sn
1828773
GIC 2,5/12-G-7,62
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.62 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1829015
GICV 2,5/12-G-7,62
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.62 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1767106
GMSTB 2,5/12-ST-7,62
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630
V, Number of positions: 12, Pitch: 7.62 mm, Color: green, Metal
surface: Sn
1832620
GMVSTBR 2,5/12-ST-7,62
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630
V, Number of positions: 12, Pitch: 7.62 mm, Color: green, Metal
surface: Sn
1832510
GMVSTBW 2,5/12-ST-7,62
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630
V, Number of positions: 12, Pitch: 7.62 mm, Color: green, Metal
surface: Sn
Diagrams/Drawings
Drilling plan/solder pad geometry



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com