Electronic Components Datasheet Search
  English  ▼

X  

0804549 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804549
Description  GMSTB 2,5/10-ST-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GMSTB 2,5/10-ST-7,62 Order No.: 1767083
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1767083
PHOENIX CONTACT Inc., USA
Page 4 / 5
http://www.phoenixcon.com
Jan 25, 2011
0805153
SK 7,62/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
1828883
GIC 2,5/10-ST-7,62
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630
V, Number of positions: 10, Pitch: 7.62 mm, Color: green, Metal
surface: Sn
1766314
GMSTBA 2,5/10-G-7,62
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 10, Pitch: 7.62 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1766851
GMSTBVA 2,5/10-G-7,62
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 10, Pitch: 7.62 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com