Electronic Components Datasheet Search
  English  ▼

X  

AP1513 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1513
Description  PWM Control 2A Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1513 Datasheet(HTML) 6 Page - Anachip Corp

  AP1513 Datasheet HTML 1Page - Anachip Corp AP1513 Datasheet HTML 2Page - Anachip Corp AP1513 Datasheet HTML 3Page - Anachip Corp AP1513 Datasheet HTML 4Page - Anachip Corp AP1513 Datasheet HTML 5Page - Anachip Corp AP1513 Datasheet HTML 6Page - Anachip Corp AP1513 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP1513
PWM Control 2A Step-Down Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.3 Nov 17, 2005
6/7
Function Description
PWM Control
The AP1513 consists of DC/DC converters that
employ a pulse-width modulation (PWM) system.
In converters of the AP1513, the pulse width varies
in a range from 0 to 100%, according to the load
current. The ripple voltage produced by the
switching can easily be removed through a filter
because the switching frequency remains constant.
Therefore, these converters provide a low-ripple
power over broad ranges of input voltage and load
current.
Under Voltage Lockout
The under voltage lockout circuit of the AP1513
assures that the high-side MOSFET driver outputs
remain in the off state whenever the supply voltage
drops below 3.3V. Normal operation resumes once
VCC rises above 3.5V.
RDS(ON) Current Limiting
The current limit threshold is setting by the external
resistor connecting from VCC supply to OCSET. The
internal 100uA sink current crossing the resistor
sets the voltage at the pin of OCSET. When the
PWM voltage is less than the voltage at OCSET, an
over-current condition is triggered.
R
I
R
I
OCSET
OCSET
DS(ON)
LOAD
×
=
×
See above formula for setting the current limit
value.
Marking Information
8
5
( Top View )
Logo
Part no.
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
14
AP1513
YY WW X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com