Electronic Components Datasheet Search
  English  ▼

X  

ADRF5043-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5043-EVALZ
Description  Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5043-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5043-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 9Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 10Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 11Page - Analog Devices ADRF5043-EVALZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADRF5043
Data Sheet
Rev. 0 | Page 8 of 12
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
RF1
RF2
RF4
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 12. Isolation for RFC to RFx Off vs. Frequency, RFC to RF3 Path On
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
50
45
40
FREQUENCY (GHz)
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 13. Channel to Channel Isolation vs. Frequency, RFC to RF1 Path On
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
50
45
40
FREQUENCY (GHz)
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 14. Channel to Channel Isolation vs. Frequency, RFC to RF3 Path On
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
RF1
RF2
RF3
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 15. Isolation for RFC to RFx Off vs. Frequency, RFC to RF4 Path On
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
50
45
40
FREQUENCY (GHz)
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 16. Channel to Channel Isolation vs. Frequency, RFC to RF2 Path On
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
50
45
40
FREQUENCY (GHz)
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 17. Channel to Channel Isolation vs. Frequency, RFC to RF4 Path On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com