Electronic Components Datasheet Search
  English  ▼

X  

DSA2-18A Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA2-18A
Description  Rectifier Diode Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA2-18A Datasheet(HTML) 1 Page - IXYS Corporation

  DSA2-18A Datasheet HTML 1Page - IXYS Corporation DSA2-18A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
(BR)minÿ
x V
RRM
Standard
Avalanche
V
V
V
Types
Types
900
800
DS 2-08A
1300
1300
1200
DS 2-12A
DSA 2-12A
1700
1750
1600
DSA 2-16A
1900
1950
1800
DSA 2-18A
x Only for Avalanche Diodes
Symbol
Test Conditions
Maximum Ratings
I
F(RMS)
T
VJ
= T
VJM
7A
I
F(AV)M
T
amb = 45°C; RthJA =
30 K/W; 180
° sine
3.6
A
T
amb = 45°C; RthJA = 115 K/W; 180° sine
1.2
A
P
RSM
DSA types, T
VJ = 25°C, tp = 10 ms
2.5
kW
I
FSM
T
VJ
= 45
°C;
t = 10 ms (50 Hz), sine
120
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
127
A
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
100
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
106
A
I2t
T
VJ
= 45
°C
t = 10 ms (50 Hz), sine
72
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
68
A2s
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
50
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
47
A2s
T
VJM
180
°C
T
VJ
-40...+180
°C
T
stg
-40...+180
°C
Weight
2.4
g
V
RRM
= 800-1800 V
I
F(RMS) = 7 A
I
F(AV)M = 3.6 A
A = Anode
C = Cathode
Features
q
International standard package
q
Axial wire connexions
q
Planar glassivated chips
Applications
q
Low power rectifiers
q
Field supply for DC motors
q
Power supplies
q
High voltage rectifiers
Advantages
q
Space and weight savings
q
Simple PCB mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
Dimensions in mm (1 mm = 0.0394")
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ
= 180°C; V
R = VRRM
£
2mA
V
F
I
F
= 7 A; T
VJ = 25°C
£
1.25
V
V
T0
For power-loss calculations only
0.85
V
r
T
T
VJ
= T
VJM
43
m
W
R
thJA
Forced air cooling with 1.5 m/s, T
amb = 45°C
30
K/W
Soldered between 2 cooling fins, T
amb = 45°C
37
K/W
Soldered onto PC board (25 mm), T
amb = 45°C
75
K/W
Free air cooling, T
amb = 45°C
115
K/W
d
S
Creepage distance on surface
2.25
mm
d
A
Strike distance through air
2.25
mm
a
Max. allowable acceleration
100
m/s2
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
DS
2
DSA 2
Rectifier Diode
Avalanche Diode
A
C
A
C
C
A


Similar Part No. - DSA2-18A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA2-18A IXYS-DSA2-18A Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
More results

Similar Description - DSA2-18A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
Rectifier Diode Avalanche Diode
DS35 IXYS-DS35 Datasheet
40Kb / 2P
Rectifier Diode Avalanche Diode
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
DSI75-08B IXYS-DSI75-08B Datasheet
41Kb / 2P
Rectifier Diode Avalanche Diode
logo
ABB
5SDA06D5007 ABB-5SDA06D5007 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
5SDA09D2604 ABB-5SDA09D2604 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
5SDA10D2303 ABB-5SDA10D2303 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
logo
Green Power Solutions s...
GPDN4100 GPSEMI-GPDN4100 Datasheet
108Kb / 1P
AVALANCHE RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
Rectifier Diode Avalanche Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com