Electronic Components Datasheet Search
  English  ▼

X  

TPSM82813SSIL Datasheet(PDF) 21 Page - Texas Instruments

Part # TPSM82813SSIL
Description  TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82813SSIL Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPSM82813SSIL Datasheet HTML 17Page - Texas Instruments TPSM82813SSIL Datasheet HTML 18Page - Texas Instruments TPSM82813SSIL Datasheet HTML 19Page - Texas Instruments TPSM82813SSIL Datasheet HTML 20Page - Texas Instruments TPSM82813SSIL Datasheet HTML 21Page - Texas Instruments TPSM82813SSIL Datasheet HTML 22Page - Texas Instruments TPSM82813SSIL Datasheet HTML 23Page - Texas Instruments TPSM82813SSIL Datasheet HTML 24Page - Texas Instruments TPSM82813SSIL Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
TPSM82810, TPSM82813
www.ti.com
SLUSDN6 – SEPTEMBER 2019
Product Folder Links: TPSM82810 TPSM82813
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
VOUT = 3.3 V
PFM
TA = 25 °C
IOUT = 0.5 A
VIN = 4.5 V to 5.5 V to 4.5 V
Figure 35. Line Transient Response
VOUT = 3.3 V
PWM
TA = 25 °C
IOUT = 4 A
VIN = 4.5 V to 5.5 V to 4.5 V
Figure 36. Line Transient Response
VOUT = 1.8 V
PFM
TA = 25 °C
IOUT = 0.5 A
VIN = 4.5 V to 5.5 V to 4.5 V
Figure 37. Line Transient Response
VOUT = 1.8 V
PWM
TA = 25 °C
IOUT = 4 A
VIN = 4.5 V to 5.5 V to 4.5 V
Figure 38. Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com