Electronic Components Datasheet Search
  English  ▼

X  

PA010BV Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PA010BV
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PA010BV Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PA010BV Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PA010BV Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PA010BV Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PA010BV Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PA010BV Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PA010BV Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PA010BV Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PA010BV Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PA010BV
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
100
1.3
1.8
2.3
±100
nA
1
10
84
120
79
100
18
S
570
50
30
1.3
Ω
13.6
2.1
4.8
15
5
36
11
1.3
A
1.4
V
22
nS
15
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
IGSS
Gate-Body Leakage
VGS(th)
Drain-Source Breakdown Voltage
V
mΩ
VGS = 4.5V, ID = 3A
SYMBOL
UNITS
VGS = 10V, ID = 3A
VGS = 0V, VDS = 0V, f = 1MHz
Gate-Drain Charge
2
VDS = 80V, VGS = 0V, TJ = 125 °C
PARAMETER
Qgd
Output Capacitance
Qg
Forward Transconductance
1
Gate Resistance
Gate-Source Charge
2
Total Gate Charge
2
Reverse Transfer Capacitance
Input Capacitance
Drain-Source On-State
Resistance
1
RDS(ON)
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
V(BR)DSS
TEST CONDITIONS
IF = 3A, VGS = 0V
nS
VDS = 50V,
ID @ 3A, VGS = 10V, RGEN = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
Diode Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Diode Reverse Recovery Time
IS
VSD
trr
Gate Threshold Voltage
VDS = VGS, ID = 250mA
LIMITS
VGS = 0V, ID = 250mA
VGS = 0V, VDS = 25V, f = 1MHz
VDS = 80V, VGS = 0V
gfs
Ciss
VDS = 5V, ID = 3A
Zero Gate Voltage Drain Current
nC
Qgs
mA
pF
STATIC
DYNAMIC
IF = 3A, dl/dt = 100A /mS
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
Rg
VDS = 50V , VGS = 10V,
ID =3A
Qrr
REV 1.0
2
2017/1/11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com