Electronic Components Datasheet Search
  English  ▼

X  

CD7613 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CD7613
Description  AM/FM 1 CHIP RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD7613 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CD7613 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silicore
绍兴芯谷科技有限公司
CD7613
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
5/8
② 线圈数据
匝
数
线
圈
用
途
f
并接
电容
QO
值
线径
(mm)
1~2
2~3
4~6
1~4
2~6
6~1
T3
调幅混频
465kHz
150pF
130
45
110
55
4
调频中频
10.7MHz
300pF
80
6
T5
调频鉴频
10.7MHz
180pF
70
7
7.5
T6
调幅中频
465kHz
150pF
130
45
110
55
L1
调幅振荡
AM 本振
90
82.5
8.5
应用图例
图 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com