Electronic Components Datasheet Search
  English  ▼

X  

1765166 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1765166
Description  Printed-circuit board connector - MSTBA 2,5/12-G-5,08 GY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1765166 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1765166 Datasheet HTML 1Page - PHOENIX CONTACT 1765166 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1765166
05/15/2015   Page 1 / 2
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 GY - 1765166
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Number of positions: 12, Pitch: 5.08 mm, Color: gray, Contact surface: Tin
Product Features
 
Key commercial data
Packing unit
1 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
55.88 mm
General
Range of articles
MSTBA 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
gray
Number of positions
12
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
ETIM
ETIM 3.0
EC001121


Similar Part No. - 1765166

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1765110C3 ETC2-1765110C3 Datasheet
65Kb / 2P
CORDSET - NORTH AMERICAN SHIELDED POWER SUPPLY CORD
logo
PHOENIX CONTACT
1765111 PHOENIX-1765111 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST-5,08 GY
1765182 PHOENIX-1765182 Datasheet
50Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 4-G-5,08 GY
1765195 PHOENIX-1765195 Datasheet
96Kb / 2P
MSTBVA 2,5/ 6-G-5,08 GY
More results

Similar Description - 1765166

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746855 PHOENIX-1746855 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/24-G-5,08 BK
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
1748332 PHOENIX-1748332 Datasheet
44Kb / 2P
Printed-circuit board connector - MSTBA 2,5/11-G-5,08 AU
1748345 PHOENIX-1748345 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G AU
1748358 PHOENIX-1748358 Datasheet
44Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 AU
1972535 PHOENIX-1972535 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 PIN 18,6
1809115 PHOENIX-1809115 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/ 6-G-5,08-LR
1809131 PHOENIX-1809131 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/ 8-G-5,08-LR
1809173 PHOENIX-1809173 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08-LR
1962066 PHOENIX-1962066 Datasheet
268Kb / 11P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 KMGY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com