Electronic Components Datasheet Search
  English  ▼

X  

E522.76 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E522.76
Description  LOW POWER STEP DOWN CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.76 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E522.76 Datasheet HTML 1Page - ELMOS Semiconductor AG E522.76 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELMOS Semiconductor AG
Info Sheet
QM-No.: 25IS0102E.00
LOW POWER STEP DOWN CONVERTER
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
PRELIMINARY INFORMATION - AUG 17, 2012
Features
Applications
ÿ Wide input voltage range 4.5V to 40V
ÿ PFM regulator up to 1.33MHz
ÿ Up to >92% efficiency
ÿ Very low 8µA sleep mode current
ÿ Ultra low 12µA standby current
ÿ 100% duty cycle capability
ÿ SOIC8-EP package
ÿ Ambient temperature range up to +105°C
ÿ Industry
ÿ Consumer
General Description
The E522.71/72/73/74/75/76/77/78/79 product family
provides ultra low quiescent current step down DC/DC
converters with integrated power MOSFET.
The PFM (Pulse Frequency Modulation) regulator allows
outstanding fast line- and load response time, stability
and high efficiency over the full load current range. The
integrated idle detection assures an ultra low idle cur-
rent and high efficiency with low load currents down
to <100µA for the completely powered application. A
power-good signal is provided by a high-voltage open-
drain low-side switch.
The E522.7x buck converter accommodates to common
single supply micro controller applications. Low exter-
nal component count and small exposed die pad SOIC
8-EP package allow compact PCB designs.
Product ID
V
OUT
I
OUT
Ambient Temp.
Range
E522.76
1.5 to 40V 350mA -40°C to +105°C
E522.77
5V
1A
-40°C to +105°C
E522.78
3.3V
1A
-40°C to +105°C
E522.79
1.5 to 40V
1A
-40°C to +105°C
Product ID
V
OUT
I
OUT
Ambient Temp.
Range
E522.71
5V
500mA -40°C to +105°C
E522.72
3.3V
500mA -40°C to +105°C
E522.73
5V
350mA -40°C to +105°C
E522.74
3.3V
350mA -40°C to +105°C
E522.75
1.5 to 40V 500mA -40°C to +105°C
Ordering Information
OCP
E522.7X
SENSE
LLXT
D
R
CIN
COUT
PGOOD
Only for E522.75/76/79 valid !
OUT
LXT
VIN
AGND
ON
PGND
PG
IN
ON
RSENSE1
RSENSE2
CSENSE


Similar Part No. - E522.76

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
LOW QUIESCENT CURRENT STEP DOWN CONVERTER
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
E522.32 ELMOS-E522.32 Datasheet
215Kb / 2P
SWITCH-MODE SONSTANT CURRENT LED CONTROLLER FAMILY
More results

Similar Description - E522.76

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
500mA Low Noise Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
500mA Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
1.5A Low Noise Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
Step-Down Converter
Rev 2; 3/14
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
Step-Down Converter
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
Step Down Converter
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
Step-Down Converter
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
LOW QUIESCENT CURRENT STEP DOWN CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com