Electronic Components Datasheet Search
  English  ▼

X  

IXFK55N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK55N50
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK55N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK55N50 Datasheet HTML 1Page - IXYS Corporation IXFK55N50 Datasheet HTML 2Page - IXYS Corporation IXFK55N50 Datasheet HTML 3Page - IXYS Corporation IXFK55N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2004 IXYS All rights reserved
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
TO-264 AA (IXFK)
Features
• International standard packages
• Encapsulating epoxy meets
UL 94 V-0, flammability classification
• miniBLOC with Aluminium nitride
isolation
• Low R
DS (on) HDMOS
TM
process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
• Fast intrinsic Rectifier
Advantages
• PLUS247 package for clip or spring
bar mounting
• Easy to mount
• Space savings
• High power density
G = Gate
D
= Drain
S = Source
TAB = Drain
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
S
G
D
D (TAB)
DS97502G(11/04)
HiPerFETTM
Power MOSFET
Single Die MOSFET
IXFK 55N50
IXFX 55N50
IXFN 55N50
V
DSS
= 500 V
I
D25
=55 A
R
DS(on)
=
90m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250 ns
PLUS247(IXFX)
G
C
E
(TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 1 mA
500
V
V
GS(th)
V
DS = VGS, ID = 8 mA
2.5
4.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±200
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
90
m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
500
V
V
DGR
T
J = 25°C to 150°C
500
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C55
A
I
DM
T
C = 25°C, pulse width limited by TJM
220
A
I
AR
T
C = 25°C55
A
E
AR
T
C = 25°C60
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
10
V/ns
T
J ≤ 150°C, RG = 4 Ω
P
D
T
C = 25°C
625
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s (IXFK, IXFX)
300
°C
M
d
Mounting torque
(IXFK, IXFX)
1.13/10 Nm/lb.in.
Terminal leads
(IXFN)
1.13/10 Nm/lb.in.
V
ISOL
50/60 Hz, RMS
(IXFN)
t = 1minute
2500
V~
I
ISOL ≤
≤≤≤≤ 1 mA
t = 1 s
3000
V~
Weight
PLUS247
5
g
TO-264
10
g
SOT-227B
30
g


Similar Part No. - IXFK55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK55N50 IXYS-IXFK55N50 Datasheet
106Kb / 2P
HiPerRF Power MOSFETs
IXFK55N50 IXYS-IXFK55N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
logo
Inchange Semiconductor ...
IXFK55N50 ISC-IXFK55N50 Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFK55N50F IXYS-IXFK55N50F Datasheet
1Mb / 4P
HiPerRFTM Power MOSFETs
logo
Inchange Semiconductor ...
IXFK55N50F ISC-IXFK55N50F Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFN72N55Q2 IXYS-IXFN72N55Q2 Datasheet
560Kb / 4P
HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
HiPerFET Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com