Electronic Components Datasheet Search
  English  ▼

X  

E522.40B Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E522.40B
Description  Dual Low Drop Out Voltage Regulator with Digital Diagnosis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.40B Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E522.40B Datasheet HTML 1Page - ELMOS Semiconductor AG E522.40B Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elmos Semiconductor AG
Info Sheet
QM-No.: 25IS0136E.00
Dual Low Drop Out Voltage Regulator with Digital Diagnosis
E522.40B
Production Data - Dec 4, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
Features
Applications
Typical Application Circuit
ƒ Automotive compatible input voltage range from
3.3V to 40V including load dump transients.
ƒ Resistor programmable output voltages from 3.3V
to V
BAT with integrated soft start.
ƒ Up to 200mA load current with digitally
programmable overcurrent- and open load levels.
ƒ Protection against supply over/under voltage,
overtemperature and overcurrent with
open-drain error flag.
ƒ Output for optional external bipolar NPN-transistor
to reduce power dissipation.
ƒ Integrated I2C interface allows for programming of
protection limits and voltage and current monitoring.
ƒ Control interface with digital comparator for
additional functions.
ƒ Fast 8bit ADC samples relevant system voltages
and currents.
ƒ Automotive Antenna Modules
ƒ Navigation and Radio Units
ƒ General Voltage Regulator Applications
General Description
The E522.40B is a dual phantom supply with I2C interface for
antennas in automotive environments. It affords protection
of the antenna lines against ESD, short to ground and battery,
as well as protection against thermal over-stress of the IC.
The I2C interface allows addressing of several devices with
only 2 interface lines. Various antenna voltages from 3.3V to
18V can be programmed independently using external volt-
age dividers.
A separate control line can be connected to an external bipo-
lar NPN-transistor as a pre-regulator to reduce power dissipa-
tion in the IC. An I2C interface in conjunction with a 8bit ADC
allows monitoring of antenna voltages and currents. Over-
current and open load limits can be programmed for each
antenna line separately, and will lead to automatic shutoff
if tripped.
An analog sense input and digital control line can be used
to interface with an additional phantom supply or for other
functions.
Ordering Information
Ordering No.:
Temp Range
AMB
Package
E52240B62C
-40°C to +125°C
QFN20L5
SCL
G1
IN[1,2]
VC
SDA
µC Interrupt
Bus
{
VDD
VBAT
3.3V
Dig. Sup
Ground
EN
COUT
COUT,HF
LOUT
CBYP
DO
AIN
Analog Sense Input
1 or 2 Antennas
Optional Digital
Control Output
A[1,2]
FB[1,2]
Antenna
200mA
AC-Signal
NFLT
GND
AD[1,2]
DSUP
R1
I2C Bus
Digital Enable
RP
RFBH
RFBL
E522.40
CIN
CSUP,HF
CSUP
CVDD,HF
CVDD
CVC
Q1
SUP
optional
NPN for
power dissipation


Similar Part No. - E522.40B

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.41 ELMOS-E522.41 Datasheet
163Kb / 2P
Automotive USB Supply with Data-Line Protection and I2C Interface
E522.43 ELMOS-E522.43 Datasheet
169Kb / 2P
Stand-Alone Automotive USB Supply with Data-Line Protection
E522.44 ELMOS-E522.44 Datasheet
154Kb / 2P
Triple Antenna Supply
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
8 Channel LED Driver with I짼C Interface
More results

Similar Description - E522.40B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com