Electronic Components Datasheet Search
  English  ▼

X  

IXFK73N30 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFK73N30
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK73N30 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFK73N30 Datasheet HTML 1Page - IXYS Corporation IXFK73N30 Datasheet HTML 2Page - IXYS Corporation IXFK73N30 Datasheet HTML 3Page - IXYS Corporation IXFK73N30 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2001 IXYS All rights reserved
Fig. 1 Output Characteristics
Fig. 2 Input Admittance
Fig. 5 Drain Current vs.
Fig. 6 Temperature Dependence of
Case Temperature
Breakdown and Threshold Voltage
Fig. 3 R
DS(on) vs. Drain Current
Fig. 4 Temperature Dependence
of Drain to Source Resistance
5V
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T
C - Degrees C
-50
-25
0
255075
100 125 150
0
10
20
30
40
50
60
70
80
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
I
D - Amperes
0
40
80
120
160
200
240
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
GS - Volts
012345
6
789
10
0
20
40
60
80
100
120
140
160
8V
7V
6V
I
D = 40A
V
GS(th)
BV
DSS
V
GS = 10V
V
GS = 10V
V
GS = 15V
V
DS - Volts
0
246
8
10
12
14
0
20
40
60
80
100
120
140
160
T
J = 25°C
T
J = 25°C
T
J = 25°C
IXFK 73N30
IXFK 73N30
IXFK 73N30
IXFK 73N30
IXFK 73N30
IXFN 73N30
IXFN 73N30
IXFN 73N30
IXFN 73N30
IXFN 73N30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com