Electronic Components Datasheet Search
  English  ▼

X  

189461 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 189461
Description  Mini guided actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

189461 Datasheet(HTML) 1 Page - Festo Corporation.

  189461 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mini guided actuator
DFC-6-5-P-A-KF
Part number: 189461
Data sheet
Feature
Value
Distance of centre of gravity of payload to yoke plate xs
10 mm
Stroke
5 mm
Piston diameter
6 mm
Type code
DFC
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Recirculating ball bearing guide
Design
Guide
Position sensing
For proximity sensor
Symbol
00991737
Operating pressure
1.5 bar ... 10 bar
Max. speed
1 m/s
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-5 °C ... 60 °C
Impact energy in the end positions
0.008 J
Max. torque Mx
0.1 Nm
Max. payload as a function of the stroke at defined distance xs
4.6 N
Theoretical force at 6 bar, retracting
12.5 N
Theoretical force at 6 bar, advancing
17 N
Moving mass
8.8 g
Moving mass at 0 mm stroke
8.8 g
Product weight
28 g
Additional moving mass per 10 mm stroke
2.8 g
Pneumatic connection
M3
Cover material
Wrought aluminum alloy
Seals material
NBR
Housing material
Wrought aluminum alloy
Piston rod material
High-alloy stainless steel
10/30/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 189461

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1894613 PHOENIX-1894613 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08 YE
More results

Similar Description - 189461

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFC-4-5-P-GF FESTO-DFC-4-5-P-GF Datasheet
85Kb / 1P
Mini guided actuator
DFC-4-10-P-GF FESTO-DFC-4-10-P-GF Datasheet
85Kb / 1P
Mini guided actuator
DFC-4-15-P-GF FESTO-DFC-4-15-P-GF Datasheet
85Kb / 1P
Mini guided actuator
DFC-6-10-P-A-GF FESTO-DFC-6-10-P-A-GF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-10-P-A-KF FESTO-DFC-6-10-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-20-P-A-GF FESTO-DFC-6-20-P-A-GF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-20-P-A-KF FESTO-DFC-6-20-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-30-P-A-KF FESTO-DFC-6-30-P-A-KF Datasheet
101Kb / 1P
Mini guided actuator
DFC-10-20-P-A-KF FESTO-DFC-10-20-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
DFC-10-25-P-A-KF FESTO-DFC-10-25-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com