Electronic Components Datasheet Search
  English  ▼

X  

189469 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 189469
Description  Mini guided actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

189469 Datasheet(HTML) 1 Page - Festo Corporation.

  189469 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mini guided actuator
DFC-10-15-P-A-GF
Part number: 189469
Data sheet
Feature
Value
Distance of centre of gravity of payload to yoke plate xs
15 mm
Stroke
15 mm
Piston diameter
10 mm
Type code
DFC
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Sliding guide
Design
Guide
Position sensing
For proximity sensor
Symbol
00991737
Operating pressure
1 bar ... 10 bar
Max. speed
1 m/s
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-5 °C ... 60 °C
Impact energy in the end positions
0.05 J
Max. torque Mx
0.4 Nm
Max. payload as a function of the stroke at defined distance xs
12.2 N
Theoretical force at 6 bar, retracting
35 N
Theoretical force at 6 bar, advancing
47 N
Moving mass
27.2 g
Moving mass at 0 mm stroke
27.2 g
Product weight
108 g
Additional moving mass per 10 mm stroke
7.2 g
Pneumatic connection
M5
Cover material
Wrought aluminum alloy
Seals material
NBR
Housing material
Wrought aluminum alloy
Piston rod material
High-alloy stainless steel
10/30/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 189469

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18946 ATOM-18946 Datasheet
301Kb / 2P
AT9477
27th of January 2025 17:17:44
logo
Festo Corporation.
189460 FESTO-189460 Datasheet
101Kb / 1P
Mini guided actuator
189461 FESTO-189461 Datasheet
100Kb / 1P
Mini guided actuator
logo
PHOENIX CONTACT
1894613 PHOENIX-1894613 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08 YE
logo
Festo Corporation.
189462 FESTO-189462 Datasheet
100Kb / 1P
Mini guided actuator
More results

Similar Description - 189469

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFC-4-5-P-GF FESTO-DFC-4-5-P-GF Datasheet
85Kb / 1P
Mini guided actuator
DFC-4-10-P-GF FESTO-DFC-4-10-P-GF Datasheet
85Kb / 1P
Mini guided actuator
DFC-4-15-P-GF FESTO-DFC-4-15-P-GF Datasheet
85Kb / 1P
Mini guided actuator
DFC-6-10-P-A-GF FESTO-DFC-6-10-P-A-GF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-10-P-A-KF FESTO-DFC-6-10-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-20-P-A-GF FESTO-DFC-6-20-P-A-GF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-20-P-A-KF FESTO-DFC-6-20-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
DFC-6-30-P-A-KF FESTO-DFC-6-30-P-A-KF Datasheet
101Kb / 1P
Mini guided actuator
DFC-10-20-P-A-KF FESTO-DFC-10-20-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
DFC-10-25-P-A-KF FESTO-DFC-10-25-P-A-KF Datasheet
100Kb / 1P
Mini guided actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com