Electronic Components Datasheet Search
  English  ▼

X  

570549 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 570549
Description  Guided actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

570549 Datasheet(HTML) 1 Page - Festo Corporation.

  570549 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Guided actuator
DFM-N-12-25-B-P-A-GF
Part number: 570549
Data sheet
Feature
Value
Stroke
25 mm
Piston diameter
12 mm
Type code
DFM-B
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Sliding guide
Design
Guide
Position sensing
For proximity sensor
Operating pressure
2 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Theoretical force at 6 bar, retracting
51 N
Theoretical force at 6 bar, advancing
68 N
Alternative connections
See product drawing
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Seals material
NBR
Housing material
Wrought aluminum alloy
Piston rod material
High-alloy stainless steel
11/2/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 570549

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
570547 FESTO-570547 Datasheet
86Kb / 1P
Guided actuator
570548 FESTO-570548 Datasheet
86Kb / 1P
Guided actuator
More results

Similar Description - 570549

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFM-10-5-P-A-GF FESTO-DFM-10-5-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-20-P-A-GF FESTO-DFM-10-20-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-12-20-P-A-GF FESTO-DFM-12-20-P-A-GF Datasheet
93Kb / 1P
Guided actuator
DFM-12-80-P-A-KF FESTO-DFM-12-80-P-A-KF Datasheet
93Kb / 2P
Guided actuator
DFM-16-10-P-A-GF FESTO-DFM-16-10-P-A-GF Datasheet
93Kb / 1P
Guided actuator
DFM-16-25-P-A-GF FESTO-DFM-16-25-P-A-GF Datasheet
94Kb / 1P
Guided actuator
DFM-16-50-P-A-KF FESTO-DFM-16-50-P-A-KF Datasheet
95Kb / 2P
Guided actuator
DFM-16-100-P-A-GF FESTO-DFM-16-100-P-A-GF Datasheet
89Kb / 1P
Guided actuator
DFM-16-100-P-A-KF FESTO-DFM-16-100-P-A-KF Datasheet
91Kb / 2P
Guided actuator
DFM-100-50-P-A-GF FESTO-DFM-100-50-P-A-GF Datasheet
88Kb / 1P
Guided actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com