Electronic Components Datasheet Search
  English  ▼

X  

EC900-FS6DL Datasheet(PDF) 4 Page - DFI Inc

Part # EC900-FS6DL
Description  Fanless Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC900-FS6DL Datasheet(HTML) 4 Page - DFI Inc

  EC900-FS6DL Datasheet HTML 1Page - DFI Inc EC900-FS6DL Datasheet HTML 2Page - DFI Inc EC900-FS6DL Datasheet HTML 3Page - DFI Inc EC900-FS6DL Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © June 11, 2020 DFI Inc.
EC900-FS6
Ordering Information
Optional Items
Packing List
Model Name
Part Number
Description
EC900-FS6DL
750-EC9000-000G EC900-FS6DL, Fanless, NXP IMX6DL 1GB Memory, 8GB eMMC, 2 COM, 2 USB, HDMI, Yocto
Linux, -20 to 60°C, RoHS
EC900-FS6DL
750-EC9000-100G EC900-FS6DL, Fanless, NXP IMX6DL 4GB Memory, 16GB eMMC, 2 COM, 2 USB, HDMI,
Android, -20 to 60°C, RoHS
EC900-FS6DL
750-EC9000-200G EC900-FS6DL, Fanless, NXP IMX6DL 2GB Memory, 16GB eMMC, 2 COM, 2 USB, HDMI, Yocto
Linux, -20 to 60°C, RoHS
EC900-FS6DL
750-EC9000-300G EC900-FS6DL, FANLESS, NXP IMX6DL 1GB memory, 8GB eMMC, 2COM, 2USB, HDMI, F/G
SYSTEM, AP12356, Yocto Linux, -20 to 70C, ROHS
Optional Items
Part Number
Description
Wi-Fi + BT
761-AP1235-000G
WiFi/BT Kit, including:
• One WiFI 802.11 abgn/ac +Bluetooth 4.2, Half Mini-PCIe Module, Ampak AP12356
• Two internal SMA cable 200mm length,
• One Mini PCIe Bracket
• Four Screw
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
Power Adapter
671-102001-000G
20W, 24V, 0 to 40°C, RoHS
671-102501-000G
25W, 24V, -30 to 70°C, RoHS
LTE Module
612-RYR204-000G
LTE CAT1, mini-PCIe Module with SIM holder, U-Blox LARA-R204-02B-02, RYR2040,
RoHS
612-BG96MA-000G
LTE CATM1, mini-PCIe Module with SIM holder, Quectel BG96MA-MINIPCIE-S, RoHS
• 1 EC900-FS6 system unit
• 1 10-Pole Terminal Block for RS-422/4-bit DIO
• 1 2-Pole Terminal Block for RS-485
• 1 2-Pole Terminal Block for Power Input
• 1 DIN Rail Bracket/Screw Pack
• 1 Quick Installation Guide
785-XXX is a group number instead of a unique part number. Please contact your regional sales representative if you need more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com