Electronic Components Datasheet Search
  English  ▼

X  

TPC170-SD Datasheet(PDF) 4 Page - DFI Inc

Part # TPC170-SD
Description  15 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC170-SD Datasheet(HTML) 4 Page - DFI Inc

  TPC170-SD Datasheet HTML 1Page - DFI Inc TPC170-SD Datasheet HTML 2Page - DFI Inc TPC170-SD Datasheet HTML 3Page - DFI Inc TPC170-SD Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPC170-SD
Packing List
Ordering Information
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 03, 2020 DFI Inc.
Model Name
Part Number
Description
TPC170R-SDAC-2PCI
750-TPC171-000G 17" Panel PC ; SD100, Q170 chipset, AC input, 5-wire Resistive Touch, 2 x
PCI, F/G SYSTEM, RoHs
TPC170P-SDAC-2PCI
750-TPC171-100G 17" Panel PC ; SD100, Q170 chipset, AC input, capacitive touch, 2 x PCI, F/G
SYSTEM, RoHs
TPC170R-SDAC-2PCIE
750-TPC171-200G 17" Panel PC ; SD100, Q170 chipset, AC input, 5-wire Resistive Touch, 2 x
PCIe x8, F/G SYSTEM, RoHs
TPC170P-SDAC-2PCIE
750-TPC171-300G 17" Panel PC ; SD100, Q170 chipset, AC input, capacitive touch, 2 x PCIe x8,
F/G SYSTEM, RoHs
Optional Items
Part Number
Description
HDD
785-H25500G
2.5” SATA HDD, 500GB, RoHS
785-H25320G
2.5” SATA HDD, 320GB, RoHS
Wi-Fi
761-110091-000G Wi-Fi kit, RoHS
Power Cord
785-PWRD
Power cord, Standards (USA/EUR/CH), 1.8m, RoHS
Wall Mount
761-TPC000-000G ACCESSORY WALL MOUNT KITS TPC Series/KS2xx RoHS
Panel Mount
761-TPC171-000G TPC170-SD Panel PC Panel Mount Kit RoHS
• 1 TPC170-SD Touch Panel PC
• 1 Quick Installation Guide



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com