Electronic Components Datasheet Search
  English  ▼

X  

SP2822 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP2822
Description  SP2822
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SP2822 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP2822 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP2822 Datasheet HTML 2Page - List of Unclassifed Manufacturers SP2822 Datasheet HTML 3Page - List of Unclassifed Manufacturers SP2822 Datasheet HTML 4Page - List of Unclassifed Manufacturers SP2822 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP2822
双声道低电压功率放大电路
6
5
4
3
1
2
7
8
+
-
+
-
功能 框 图
无锡硅科动力技术有限公司
-2-
电特性 (除非特别说明外,Vcc=3V,Tamb=25℃)
立体声参数
项 目
符号
测 试 条 件
最小
典型
最大
单位
电源电压
Vcc
1.8
6
V
2.7
V
静态输出电压
Vo
Vcc=3V
1.2
V
输入偏流
IB
100
nA
静态电流
ICCO
6
9
mA
Vcc=6V
90
120
Vcc=4.5
V
60
Vcc=3V
15
20
RL=32Ω
Vcc=2V
5
RL=16Ω
Vcc=6V
170
220
RL=8Ω
Vcc=6V
300
380
Vcc=6V
450
650
Vcc=4.5
V
320
输出功率
(每一声道)
PO
f=1kHz
THD=10%
RL=4Ω
Vcc=3V
110
mW
RL=32Ω
Po=40mW
0.2
RL=16Ω
Po=75mW
0.2
失真度
THD
RL=4Ω
Po=150mW
0.2
%
闭环增益
AVF
f=1kHz
36
39
41
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com