Electronic Components Datasheet Search
  English  ▼

X  

IXGH32N60AS Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH32N60AS
Description  HiPerFAST IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N60AS Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH32N60AS Datasheet HTML 1Page - IXYS Corporation IXGH32N60AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15,D-68623 Lampertheim
Phone: +49-6206-503-0 Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670
IXGH 32N60A
IXGH 32N60AS
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C60
A
I
C90
T
C = 90°C32
A
I
CM
T
C = 25°C, 1 ms
120
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 33 Ω
I
CM = 64
A
(RBSOA)
Clamped inductive load, L = 100
µH
@ 0.8 V
CES
P
C
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque (M3)
1.13/10 Nm/lb.in.
Weight
TO-247 AD
6
g
TO-247 SMD
4
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
200
µA
V
GE
= 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100 nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.9
V
92793H (3/96)
V
CES
= 600 V
I
C25
= 60 A
V
CE(sat)
= 2.9 V
t
fi
= 125 ns
TO-247 SMD
(32N60AS)
C (TAB)
G = Gate
C = Collector
E = Emitter
TAB = Collector
G
C
E
TO-247 AD
G
E
C (TAB)
Features
q International standard packages
JEDEC TO-247 SMD surface
mountable and JEDEC TO-247 AD
q High current handling capability
q 2nd generation HDMOSTM process
q MOS Gate turn-on
- drive simplicity
Applications
q AC motor speed control
q DC servo and robot drives
q DC choppers
q Uninterruptible power supplies (UPS)
q Switched-mode and resonant-mode
power supplies
Advantages
q Space savings (two devices in one
package)
q High power density
q Suitable for surface mounting
q Switching speed for high frequency
applications
q Easy to mount with 1 screw,TO-247
(isolated mounting screw hole)
HiPerFASTTM IGBT
©1995 IXYS Corporation. All rights reserved.


Similar Part No. - IXGH32N60AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N60AU1 IXYS-IXGH32N60AU1 Datasheet
44Kb / 2P
HiPerFAST IGBT with Diode Combi Pack
IXGH32N60AU1S IXYS-IXGH32N60AU1S Datasheet
44Kb / 2P
HiPerFAST IGBT with Diode Combi Pack
More results

Similar Description - IXGH32N60AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
HiPerFAST IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com