Electronic Components Datasheet Search
  English  ▼

X  

MS102 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MS102
Description  1.0A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MS102 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MS102 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MS102 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Symbol
MS102 MS103 MS104 MS105 MS106 MS108 MS110 MS115 MS120
Unit
MS102 – MS120
1.0A SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
                            D
Mechanical Data
!
Case: DO-41, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
MS102 – MS120
1.0
A
14
21
28
35
42
56
70
105
140
V
20
30
40
50
60
80
100
150
200
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
Typical Thermal Resistance (Note 1)
RJL
RJA
28
88
°C/W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-41
Dim
Min
Max
A
24.5
—
B
4.06
5.21
C
0.60
0.80
D
2.00
3.00
All Dimensions in mm
0.55
0.65
0.85
V
0.1
10
mA
0.05
5


Similar Part No. - MS102

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MS10200 EIC-MS10200 Datasheet
97Kb / 2P
Schottky Barrier Rectifiers
logo
Leshan Radio Company
MS1022 LRC-MS1022 Datasheet
28Kb / 1P
PNP RF Amplifier Transistor Surface Mount
MS1022-CT1 LRC-MS1022-CT1 Datasheet
28Kb / 1P
PNP RF Amplifier Transistor Surface Mount
More results

Similar Description - MS102

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5817 WTE-1N5817_06 Datasheet
47Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
SB120 WTE-SB120_06 Datasheet
62Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
SR120 WTE-SR120_06 Datasheet
63Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SB120 ZSELEC-SB120 Datasheet
128Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
SR120 ZSELEC-SR120 Datasheet
96Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBR120 ZSELEC-MBR120 Datasheet
135Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com