Electronic Components Datasheet Search
  English  ▼

X  

MS202 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MS202
Description  2.0A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MS202 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MS202 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MS202 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
2.0A SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
                            D
Mechanical Data
!
Case: DO-15, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
0.55
0.70
0.85
0.90
V
2.0
A
14
21
28
35
42
56
70
105
140
V
20
30
40
50
60
80
100
150
200
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
20
mA
Typical Thermal Resistance (Note 1)
RJL
RJA
28
88
°C/W
Operating Temperature Range
Tj
°C
Storage Temperature Range
TSTG
°C
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-15
Dim
Min
Max
A
24.5
—
B
5.50
7.62
C
0.60
0.80
D
2.60
3.60
All Dimensions in mm
-55 to +150
-55 to +150
Symbol
MS202 MS203 MS204 MS205 MS206 MS208 MS210 MS215 MS220
Unit
MS202 – MS220
MS202 – MS220


Similar Part No. - MS202

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2020 MICROSEMI-MS2020 Datasheet
120Kb / 2P
20 AMP SCHOTTKY OR-ING RECTIFIER
logo
EIC discrete Semiconduc...
MS20200 EIC-MS20200 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
ABC Taiwan Electronics ...
MS20222R7ML ABC-MS20222R7ML Datasheet
183Kb / 6P
MULTILAYER CHIP INDUCTOR
MS20223R3ML ABC-MS20223R3ML Datasheet
183Kb / 6P
MULTILAYER CHIP INDUCTOR
MS20223R9ML ABC-MS20223R9ML Datasheet
183Kb / 6P
MULTILAYER CHIP INDUCTOR
More results

Similar Description - MS202

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220_06 Datasheet
60Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
SB220S WTE-SB220S Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
logo
SUNMATE electronic Co.,...
SB220 SUNMATE-SB220 Datasheet
95Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
SR220 ZSELEC-SR220 Datasheet
115Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBR220 ZSELEC-MBR220 Datasheet
136Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com