Electronic Components Datasheet Search
  English  ▼

X  

MS503 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MS503
Description  5.0A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MS503 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MS503 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MS503 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
120
A
5.0
A
0.05
Characteristic
V
250
pF
25
°C/W
-55 to +150
°C
5.0A SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
                            D
Mechanical Data
!
Case: DO-201AD, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 95°C
(Note 1)
IO
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage
@IF = 5.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
20
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
V
10
0.55
0.75
0.85
0.92
V
20
14
30
21
40
28
50
35
60
42
80
56
100
70
150
105
200
140
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-201AD
Dim
Min
Max
A
25.4
—
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
24.5
—
B
7.20
9.50
C
1.10
1.30
D
5.00
5.60
All Dimensions in mm
Symbol
MS502 MS503 MS504 MS505 MS506 MS508 MS510 MS515 MS520
Unit
MS502 – MS520
MS502 – MS520


Similar Part No. - MS503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS503 MICROSEMI-MS503 Datasheet
94Kb / 2P
5 Amp Schottky Rectifier
logo
List of Unclassifed Man...
MS503 ETC2-MS503 Datasheet
232Kb / 3P
Schottky Rectifier Diode
More results

Similar Description - MS503

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB520 WTE-SB520_06 Datasheet
63Kb / 4P
5.0A SCHOTTKY BARRIER DIODE
SR520 WTE-SR520_06 Datasheet
63Kb / 4P
5.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SB520 ZSELEC-SB520 Datasheet
125Kb / 2P
5.0A SCHOTTKY BARRIER DIODE
SR520 ZSELEC-SR520 Datasheet
98Kb / 2P
5.0A SCHOTTKY BARRIER DIODE
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52F ZSELEC-SS52F Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
50BQ020 ZSELEC-50BQ020 Datasheet
143Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBR520 ZSELEC-MBR520 Datasheet
136Kb / 2P
5.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
5.0A SCHOTTKY BARRIER DIODE
September, 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com