Electronic Components Datasheet Search
  English  ▼

X  

PR2002 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PR2002
Description  2.0A FAST RECOVERY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PR2002 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  PR2002 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd PR2002 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS / Lead Free Version
2.0A FAST RECOVERY DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.28
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
2.0
100
µA
Reverse Recovery Time (Note 2)
trr
150
250
450
nS
Typical Junction Capacitance (Note 3)
Cj
30
pF
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-15
Dim
Min
Max
A
24.5
—
B
5.50
7.62
C
0.60
0.80
D
2.60
3.60
All Dimensions in mm
PR2001 – PR2007
PR2001
PR2001 – PR2007
Unit
Symbol
PR2002 PR2003 PR2004 PR2005 PR2006 PR2007


Similar Part No. - PR2002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR2002 DIODES-PR2002 Datasheet
61Kb / 2P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
PR2002 DIODES-PR2002 Datasheet
368Kb / 3P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
logo
Compact Technology Corp...
PR2002 CTC-PR2002 Datasheet
45Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
PR2002-T DIODES-PR2002-T Datasheet
368Kb / 3P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
PR2002G DIODES-PR2002G Datasheet
62Kb / 2P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. A1-2
More results

Similar Description - PR2002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR201 WTE-FR201_06 Datasheet
54Kb / 4P
2.0A FAST RECOVERY DIODE
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
RS2A ZSELEC-RS2A Datasheet
148Kb / 2P
2.0A SURFACE MOUNT FAST RECOVERY DIODE
RS2AW ZSELEC-RS2AW Datasheet
114Kb / 2P
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR2A ZSELEC-FR2A Datasheet
124Kb / 2P
2.0A SURFACE MOUNT FAST RECOVERY DIODE
FR201 ZSELEC-FR201 Datasheet
116Kb / 2P
2.0A FAST RECOVERY DIODE
FR201G ZSELEC-FR201G Datasheet
118Kb / 2P
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FS2A ZSELEC-FS2A Datasheet
74Kb / 2P
2.0A SURFACE MOUNT FAST RECOVERY DIODE
PR2001G ZSELEC-PR2001G Datasheet
134Kb / 2P
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com