Electronic Components Datasheet Search
  English  ▼

X  

UG2002 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UG2002
Description  2.0A GLASS PASSIVATED ULTRAFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UG2002 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UG2002 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UG2002 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2

0
0.5
1.0
1.5
2.0
2.5
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
1.0
2.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
50
NI (Non-inductive)
Ω
10
NI
Ω
1.0
NI
Ω
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Ω
Ω
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
UG2001 – UG2008
UG2001-UG2004
UG2006-UG2008
UG2005
UG2001-UG2005
UG2001 – UG2008
UG2006-UG2008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com