Electronic Components Datasheet Search
  English  ▼

X  

UG3003 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UG3003
Description  3.0A GLASSPASSIVATED ULTRAFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UG3003 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UG3003 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UG3003 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glasspassivated
DIE
3.0A GLASSPASSIVATED ULTRAFAST DIODE
Features
!
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-201AD, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 3.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
2.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
80
50
pF
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-201AD
Dim
Min
Max
A
25.4
—
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
24.5
—
B
7.20
9.50
C
1.10
1.30
D
5.00
5.60
All Dimensions in mm
UG3001 – UG3008
UG3001 – UG3008
UG3008
UG3001 UG3002 UG3003 UG3004 UG3005 UG3006 UG3007


Similar Part No. - UG3003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UG3003 DIODES-UG3003 Datasheet
86Kb / 2P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. A1-2
UG3003 DIODES-UG3003 Datasheet
85Kb / 3P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
UG3003-B DIODES-UG3003-B Datasheet
85Kb / 3P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
UG3003-T DIODES-UG3003-T Datasheet
85Kb / 3P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
More results

Similar Description - UG3003

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
3.0A ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5400 GXELECTRONICS-UF5400 Datasheet
325Kb / 2P
3.0A ULTRAFAST DIODE
UF5404 GXELECTRONICS-UF5404 Datasheet
325Kb / 2P
3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGP30A ZSELEC-EGP30A Datasheet
90Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
HER301 ZSELEC-HER301 Datasheet
116Kb / 2P
3.0A ULTRAFAST DIODE
HER301G ZSELEC-HER301G Datasheet
134Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
UF5401 ZSELEC-UF5401 Datasheet
109Kb / 2P
3.0A ULTRAFAST DIODE
EGP50A ZSELEC-EGP50A Datasheet
87Kb / 2P
5.0A GLASSPASSIVATED ULTRAFAST DIODE
UF300G ZSELEC-UF300G Datasheet
139Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
UG5401 ZSELEC-UG5401 Datasheet
137Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com