Electronic Components Datasheet Search
  English  ▼

X  

IXGA12N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGA12N100
Description  IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA12N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGA12N100 Datasheet HTML 1Page - IXYS Corporation IXGA12N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C
= 3 mA, V
GE = 0 V
1000
V
V
GE(th)
I
C
= 250
mA, V
GE = VGE
2.5
5.0
V
I
CES
V
CE = 0.8, VCES
T
J =
25
°C
250
mA
V
GE= 0 V
T
J = 125°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
CE90, VGE = 15
12N100
3.5
V
12N100A
4.0
V
IGBT
Preliminary Data Sheet
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
1000
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MW
1000
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C24
A
I
C90
T
C
= 90
°C12
A
I
CM
T
C
= 25
°C, 1 ms
48
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 150 W
I
CM = 24
A
(RBSOA)
Clamped inductive load, L = 300
mH
@ 0.8 V
CES
P
C
T
C
= 25
°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque with screw M3
0.45/4 Nm/lb.in.
Mounting torque with screw M3.5
0.55/5 Nm/lb.in.
Weight
4g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
V
CES
I
C25
V
CE(sat)
IXGA/IXGP12N100
1000 V
24 A
3.5 V
IXGA/IXGP12N100A 1000 V
24 A
4.0 V
95591A (3/97)
Features
• International standard packages
JEDEC TO-220AB and TO-263AA
• Second generation HDMOSTM
process
• Low V
CE(sat)
- for minimum on-state conduction
losses
• MOS Gate turn-on
- drive simplicity
Applications
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Uninterruptible power supplies (UPS)
• Switch-mode and resonant-mode
power supplies
Advantages
• Easy to mount with one screw
• Reduces assembly time and cost
• High power density
G
C
E
TO-220AB (IXGP)
G
E
TO-263 (IXGA)
C (TAB)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXGA12N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N100AU1 IXYS-IXGA12N100AU1 Datasheet
116Kb / 4P
IGBT - Combi Pack
IXGA12N100U1 IXYS-IXGA12N100U1 Datasheet
116Kb / 4P
IGBT - Combi Pack
More results

Similar Description - IXGA12N100

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
F3L200R12N2H3_B47 INFINEON-F3L200R12N2H3_B47 Datasheet
962Kb / 16P
IGBT,Wechselrichter / IGBT,Inverter
V3.0 2018-06-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com