Electronic Components Datasheet Search
  English  ▼

X  

IXSH24N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXSH24N60
Description  HiPerFAST IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH24N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXSH24N60 Datasheet HTML 1Page - IXYS Corporation IXSH24N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MW
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C48
A
I
C90
T
C
= 90
°C24
A
I
CM
T
C
= 25
°C, 1 ms
96
A
SSOA
V
GE= 15 V, TJ = 125°C, RG = 10 W
I
CM = 48
A
(RBSOA)
Clamped inductive load, L = 100
mH
@ 0.8 V
CES
t
SC
V
GE= 15 V, VCE = 360 V, TJ = 125°C
10
ms
(SCSOA)
R
G = 82 W, non repetitive
P
C
T
C
= 25
°C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD
G
C
E
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
mA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 1.5 mA, V
CE = VGE
3.5
6.5
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
200
mA
V
GE = 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100 nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
IXSH 24N60
2.2
V
IXSH 24N60A
2.7
V
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Features
• International standard package
JEDEC TO-247 AD
• High frequency IGBT with guaranteed
Short Circuit SOA capability
• 2nd generation HDMOSTM process
• Low V
CE(sat)
- for low on-state conduction losses
• MOS Gate turn-on
- drive simplicity
Applications
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Uninterruptible power supplies (UPS)
• Switch-mode and resonant-mode
power supplies
Advantages
• Easy to mount with 1 screw
(isolated mounting screw hole)
• Switching speed for high frequency
applications
• High power density
V
CES
I
C25
V
CE(sat)
IXSH 24N60
600 V
48 A
2.2 V
IXSH 24N60A
600 V
48 A
2.7 V
Short Circuit SOA Capability
92809H(11/96)
IXYS reserves the right to change limits, test conditions, and dimensions.
HiPerFASTTM IGBT


Similar Part No. - IXSH24N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXSH24N60 ISC-IXSH24N60 Datasheet
327Kb / 2P
IGBT
logo
IXYS Corporation
IXSH24N60AU1 IXYS-IXSH24N60AU1 Datasheet
37Kb / 2P
HiPerFASTTM IGBT with Diode
IXSH24N60B IXYS-IXSH24N60B Datasheet
107Kb / 2P
High Speed IGBT
IXSH24N60BD1 IXYS-IXSH24N60BD1 Datasheet
107Kb / 2P
High Speed IGBT
IXSH24N60U1 IXYS-IXSH24N60U1 Datasheet
37Kb / 2P
HiPerFASTTM IGBT with Diode
More results

Similar Description - IXSH24N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
HiPerFAST IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com