Electronic Components Datasheet Search
  English  ▼

X  

IXSH45N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXSH45N100
Description  Low VCE(sat) IGBT - Short Circuit SOA Capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH45N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXSH45N100 Datasheet HTML 1Page - IXYS Corporation IXSH45N100 Datasheet HTML 2Page - IXYS Corporation IXSH45N100 Datasheet HTML 3Page - IXYS Corporation IXSH45N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
TO-247 AD (IXSH)
G
C
E
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
1000
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MW
1000
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C75
A
I
C90
T
C
= 90
°C45
A
I
CM
T
C
= 25
°C, 1 ms
180
A
SSOA
V
GE= 15 V, TJ = 125°C, RG = 2.7 W
I
CM = 90
A
(RBSOA)
Clamped inductive load, L = 30
mH
@ 0.8 V
CES
t
SC
V
GE= 15 V, VCE = 0.6 • VCES, TJ = 125°C
10
ms
(SCSOA)
R
G = 22 W, non repetitive
P
C
T
C
= 25
°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-204 = 18 g, TO-247 = 6 g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-204 AE (IXSM)
C
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Features
• International standard packages
• Guaranteed Short Circuit SOA
capability
• Low V
CE(sat)
- for low on-state conduction losses
• High current handling capability
• MOS Gate turn-on
- drive simplicity
Applications
• AC motor speed control
• Uninterruptible power supplies (UPS)
• Welding
Advantages
• Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
• High power density
Low V
CE(sat) IGBT
IXSH 45N100
V
CES
= 1000 V
IXSM 45N100
I
C25
= 75 A
V
CE(sat)
= 2.7 V
Short Circuit SOA Capability
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 3 mA, V
GE = 0 V
1000
V
V
GE(th)
I
C
= 4 mA, V
CE = VGE
58
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
250
mA
V
GE = 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100 nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.7
V
93013E (12/96)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXSH45N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH45N120 IXYS-IXSH45N120 Datasheet
88Kb / 4P
High Voltage, Low VCE(sat) IGBT
logo
Inchange Semiconductor ...
IXSH45N120 ISC-IXSH45N120 Datasheet
399Kb / 2P
IGBT
logo
IXYS Corporation
IXSH45N120B IXYS-IXSH45N120B Datasheet
58Kb / 2P
High Voltage IGBT S Series - Improved SCSOA Capability
More results

Similar Description - IXSH45N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60U1 IXYS-IXSH30N60U1 Datasheet
82Kb / 6P
Low VCE(sat) IGBT with Diode High Speed IGBT with Diode Combi Packs Short Circuit SOA Capability
IXSA16N60 IXYS-IXSA16N60 Datasheet
48Kb / 2P
Low V CE(sat) IGBT - Short Circuit SOA Capability
IXSH10N60 IXYS-IXSH10N60 Datasheet
217Kb / 4P
High Speed IGBT - Short Circuit SOA Capability
IXSN55N120A IXYS-IXSN55N120A Datasheet
71Kb / 2P
High Voltage IGBT - Short Circuit SOA Capability
IXSN62N60U1 IXYS-IXSN62N60U1 Datasheet
68Kb / 2P
IGBT with Diode - Short Circuit SOA Capability
IXSN80N60A IXYS-IXSN80N60A Datasheet
71Kb / 2P
High Current IGBT - Short Circuit SOA Capability
IXSN80N60BD1 IXYS-IXSN80N60BD1 Datasheet
594Kb / 6P
IGBT with Diode Short Circuit SOA Capability
IXSK80N60B IXYS-IXSK80N60B Datasheet
46Kb / 2P
High Current IGBT Short Circuit SOA Capability
logo
Powersem GmbH
PSHI50D06 POWERSEM-PSHI50D06 Datasheet
99Kb / 2P
IGBT Module Short Circuit SOA Capability
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
IGBT Module Short Circuit SOA Capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com