Electronic Components Datasheet Search
  English  ▼

X  

AF9926NSLA Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # AF9926NSLA
Description  Dual N-Channel 20-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AF9926NSLA Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  AF9926NSLA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AF9926NSLA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AF9926NSLA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AF9926NSLA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AF9926NSLA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AF9926NSLA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AF9926NSLA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 7.1 A
0.019
0.025
Ω
VGS = 2.5 V, ID = 6.0 A
0.026
0.035
Forward Transconductancea
gfs
VDS = 10 V, ID = 7.1 A
27
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 7.1 A
9.5
nC
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1 MHz
1.6
2.7
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 10 Ω
10
ns
Rise Time
tr
15
Turn-Off Delay Time
td(off)
38
Fall Time
tf
25
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, dI/dt = 100 A/µs
26
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AF9926NSLA
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com