Electronic Components Datasheet Search
  English  ▼

X  

IXSM30N60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSM30N60
Description  Low VCE(sat) IGBT, High Speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSM30N60 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSM30N60 Datasheet HTML 1Page - IXYS Corporation IXSM30N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592 4,881,106
5,017,508
5,049,961 5,187,117 5,486,715
4,850,072 4,931,844
5,034,796
5,063,307 5,237,481 5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXSH 30N60
IXSM 30N60
IXSH 30N60A IXSM 30N60A
TO-247 AD Outline
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
g
fs
I
C
= I
C90; VCE = 10 V,
7
13
S
Pulse test, t ≤ 300 µs, duty cycle ≤ 2 %
I
C(on)
V
GE = 15 V, VCE = 10 V
100
A
C
ies
2760
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
240
pF
C
res
51
pF
Q
g
110
150 nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
34
45 nC
Q
gc
47
63 nC
t
d(on)
60
ns
t
ri
130
ns
t
d(off)
400
ns
t
fi
30N60
400
ns
30N60A
200
ns
E
off
30N60
5.0
mJ
30N60A
2.5
mJ
t
d(on)
60
ns
t
ri
130
ns
E
on
1.0
mJ
t
d(off)
30N60
540 1000 ns
30N60A
340
525 ns
t
fi
30N60
600 1500 ns
30N60A
340
700 ns
E
off
30N60
12
mJ
30N60A
6
mJ
R
thJC
0.63 K/W
R
thCK
0.25
K/W
IXSH 30N60 and IXSH 30N60A characteristic curves are located on the
IXSH 30N60U1 and IXSH 30N60AU1 data sheets.
TO-204AE Outline
1 = Gate
2 = Collector
3 = Emitter
Tab = Collector
1 = Gate
2 = Emitter
Case = Collector
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 µH
V
CE = 0.8 VCES, RG = 4.7 Ω
Remarks: Switching times
may increase for
V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V,
L = 100 µH
V
CE = 0.8 VCES,
R
G = 4.7 Ω
Remarks: Switching times
may increase for
V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com