Electronic Components Datasheet Search
  English  ▼

X  

SC110FR Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC110FR
Description  Voltage Rating 30 to 120 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC110FR Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC110FR Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
1252 5
1301 1
Frequency
PART DIMENSIONS BEFORE CODE DATE:
PART DIMENSIONS AFTER CODE DATE:
NEMA 3R,4X, & 12
Loudness @ 2 FT
64 to 72 dB(A) Typ.
Loudness @ Min Vdc
55/65 dB(A) @ 2 Feet and 30 Vdc
Loudness @ Max Vdc
65/78 dB(A) @ 2 Feet and 120 Vdc
Inches (mm)
-30° to +65° C
Current Draw
1-6mA
Storage Temperature
Operating Temperature
Panel Mounting
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Options
Knurled Nut
Dimensions:
SC110FR
D
Mallory Sonalert Products,Inc.
Sales Outline Drawing
30 to 120 VAC/DC
Voltage Rating
Sound Level Category
Mode of Operation
Continuous
Specifications:
Housing Material
Soft
Approved with use of ACC03.
Please contact factory.
Weight (Typical)
-40° to +85° C
6/6 Nylon, Color: Black
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
2900 ± 500 Hz


Similar Part No. - SC110FR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC110FJR MSPI-SC110FJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110FKR MSPI-SC110FKR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110FPR MSPI-SC110FPR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
More results

Similar Description - SC110FR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC110ER MSPI-SC110ER Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110HJR MSPI-SC110HJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110HR MSPI-SC110HR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110JR MSPI-SC110JR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NJR MSPI-SC110NJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NPR MSPI-SC110NPR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NR MSPI-SC110NR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
LSC110NR MSPI-LSC110NR Datasheet
144Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110MN MSPI-SC110MN Datasheet
56Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SCH110PR MSPI-SCH110PR Datasheet
56Kb / 1P
Voltage Rating 30 to 120 VAC/DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com