Electronic Components Datasheet Search
  English  ▼

X  

PBSST Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PBSST
Description  Gigabit Copper Bypass Switch Stand Alone Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PBSST Datasheet(HTML) 2 Page - Silicom Ltd.

  PBSST Datasheet HTML 1Page - Silicom Ltd. PBSST Datasheet HTML 2Page - Silicom Ltd. PBSST Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Key Features
Bypass:
Bypass Ethernet ports on Power lose
Reliable Passive solution
High speed switching
Low insertions loss
Throughput not affected and no added delay
Copper Gigabit Ethernet 1000Base-T:
Supports Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and Ethernet (10Base-T)
RJ-45 female connectors
Technical Specifications
PBSST: Copper Gigabit Ethernet Technical Specifications
– (1000Base-T) Adapters
IEEE Standard / Network
topology
Gigabit Ethernet, 1000Base-T
Fast Ethernet, 100Base-TX
Ethernet, 10Base-T
Data Transfer Rate
1000 Mbit/s, 100 Mbit/s and 10 Mbits/sec in simplex mode per port.
2000Mbit/s 200 and 20 Mbit/s in full duplex mode per port.
Cables and Operating distance
10Base-T Category 3, 4, or 5 maximum 50m *
100Base-Tx Category 5 maximum 50m *
1000Base-T Category 5E maximum 50m *
*Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
PBSST: General Technical Specifications
Size:
x 152mm x 120.5mm x 24mm (6″ x 4.75″ x 1″)
Voltage:
+5V
Weight:
690 gram (24.4 oz)
Power Consumption:
(0.184W) 40mA at 4.6V
Operating Humidity:
0%
–90%, non-condensing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com