Electronic Components Datasheet Search
  English  ▼

X  

N5000 Datasheet(PDF) 1 Page - Silicom Ltd.

Part # N5000
Description  Quad port QSFP28 100 Gigabit Ethernet PCIe Gen4 x16
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

N5000 Datasheet(HTML) 1 Page - Silicom Ltd.

  N5000 Datasheet HTML 1Page - Silicom Ltd. N5000 Datasheet HTML 2Page - Silicom Ltd. N5000 Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page 1
Silicom FPGA SmartNIC N5000
Quad port QSFP28 100 Gigabit Ethernet PCIe Gen4 x16 Intel® Stratix® 10DX FPGA Based
Product Description
The FB4CG@S10D21 Lightning Creek SmartNIC is a high-performance a
programmable PCIe Server adapter-based Intel/PSG Stratix DX210 FPGA.
This data sheet describes the Intel FPGA Programmable Acceleration Card
featuring the Intel® Static ® 10DX FPGA. This document provides electrical,
mechanical thermal specification. The FB4CG@S10D21 FPGA SmartNIC is
targeted to for market-specific acceleration in application such as:
•
Network Function Virtualization (NFV)
•
Multi-Access Edge Computing (MEX)
•
Cyber security
•
High-Performance Computing
•
Finance
•
Mobile network
•
Silicom FPGA SmartNIC 5000N base unit plus two Intel E810-CAN1 NIC devices.
•
Silicom FPGA SmartNIC 5005 base unit plus dual host capability with additional PCIe Gen4 x16 port.
Key Features
Host Interface:
•
Physical bus connector: x16, 4.0
Intel Network Controller E810-CAM1:
•
NIC provides a hardware compatible interface with Linux drivers
•
Support Data Plan Development Toolkit (DPDK)
Network Interface:
•
IEEE standard: IEEE 802.3 100GbE
•
Physical interface: (4) QSFP28
•
Multimode SR4 (850nm), Single Mode LR4 (1310nm),or Direct Attached Copper (Twinax)
•
Support Sync-E/ 1588 standard (optional feature depending on FPGA image, not part of Lightning Creek program)
Configuration:
•
Upload of FPGA configuration to flash via PCIe
– with supported image and tool.
On Board Memory:
•
DDR4/ 32GByte+ECC ( x18 devices )
•
HBM / 8GBytes


Similar Part No. - N5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N501 ETC-N501 Datasheet
26Kb / 3P
ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
logo
Unisonic Technologies
N5027 UTC-N5027 Datasheet
50Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027 Datasheet
55Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027-N-TA3-B-T UTC-N5027-N-TA3-B-T Datasheet
50Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027-N-TA3-C-T UTC-N5027-N-TA3-C-T Datasheet
50Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
More results

Similar Description - N5000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5466RA0KFBG BOARDCOM-BCM5466RA0KFBG Datasheet
204Kb / 2P
QUAD-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-89CDDZ AVAGO-AFBR-89CDDZ Datasheet
86Kb / 1P
QSFP28 Pluggable, Parallel Fiber-Optics Module 100 Gigabit Ethernet Applications
logo
ORing Industrial Networ...
IGCS-E131GP ORING-IGCS-E131GP Datasheet
844Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch card
IGCS-E140 ORING-IGCS-E140 Datasheet
909Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch
IGPCS-E140 ORING-IGPCS-E140 Datasheet
754Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit PoE Ethernet
logo
Silicom Ltd.
FB4CGG3 SILICOM-FB4CGG3 Datasheet
274Kb / 3P
Quad Port QSFP28 100 Gigabit Xilinx Virtex Ultrascale
PE325G4I71L SILICOM-PE325G4I71L Datasheet
493Kb / 4P
Quad Port 25G Ethernet PCIe Server Adapter
PE31610G4ISLBLL SILICOM-PE31610G4ISLBLL Datasheet
454Kb / 6P
Quad Port 10G Ethernet PCIe Crypto
logo
Beckhoff Automation Gmb...
FC9062 BECKHOFF-FC9062 Datasheet
174Kb / 2P
Dual Gigabit Ethernet PCIe module
logo
Advantech Co., Ltd.
PCIE-1131 ADVANTECH-PCIE-1131 Datasheet
346Kb / 1P
Quad Port Fiber Gigabit Ethernet PCIE Express Server Adapter with Intel® I350
22-Dec-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com