Electronic Components Datasheet Search
  English  ▼

X  

MICROBMC Datasheet(PDF) 2 Page - Silicom Ltd.

Part # MICROBMC
Description  pfSense Based BMC Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

MICROBMC Datasheet(HTML) 2 Page - Silicom Ltd.

  MICROBMC Datasheet HTML 1Page - Silicom Ltd. MICROBMC Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Fan Control:
2x independent PWM output / tachometer inputs fan channels
PSU Monitoring:
4x PSU powergood inputs
GPIO:
8x user-defined digital I/O pins
RTC:
Yes, for timestamp of FRU EEPROM event log entries
Virtual Media:
USB device connection to host CPU for USB boot over LAN
CPU Status Monitoring:
Sleep S3, S4, S5 indicators
PROCHOT#, THERMTRIP# thermal indicators
CPU error indicators
Platform reset
CPU Power State Control:
Reset button control
Power button control
Heartbeat Monitoring:
Software GPIO on host CPU drives watchdog input on µBMC
I2C:
Bus 0 (master). Onboard FRU EEPROM, connectivity for motherboard discrete thermal sensors
and other devices
Bus 1 (master). Access to PECI SMBus slave inside host CPU. Used for monitoring CPU die
temperature.
SPI:
Used to access host CPU boot flash for remote BIOS updates
EEPROM:
32kB I2C EEPROM on board, for management event logging
Power:
3.3VDC and 5VDC
Temperature:
Operating: 0-70C
Storage: -20-85C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com