Electronic Components Datasheet Search
  English  ▼

X  

M20SSD Datasheet(PDF) 1 Page - Silicom Ltd.

Part # M20SSD
Description  U.2 to 4 x M.2 NVMe SSD module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M20SSD Datasheet(HTML) 1 Page - Silicom Ltd.

  M20SSD Datasheet HTML 1Page - Silicom Ltd. M20SSD Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
M20SSD Storage Server Adapter
U.2 to 4 x M.2 NVMe SSD module
Product Description
The Silicom U.2 Server Modules targeted for systems that support 2.5” PCI
Express Enterprise SSD Form Factor.
Silicom U.2 Server Modules based on PCI Express U.2 specifications.
Silicom U.2 Server Modules supports hot plug and removal, both with and
without prior system notification (surprise removal)
Silicom U.2 to 4 x M.2 NVMe SSD module only supports Enterprise PCIe according SFF-
8639 (single x4 PCIe port), and doesn’t
support Dual Port Mode (PCIe Bifurcation x2x2).
Key Features
Host interface support PCI EXPRESS U.2 MODULE SPECIFICATION,
REV. 0.5
Host Interface Support PCI Express 3.0 (8Gb/s) and 2.1 (5Gb/s)
PCI Express Card Electromechanical Specification, revision 2.0.
2.5″ modules width same as 2.5” drive (SFF-8223, 2007) specification
PCI Express X4 lanes.
25W connector limit, with 12V only delivery.
Supports up to four M.2 2280 modules
Supports Hot swap
Technical Specifications
– General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.1a (8GT/s)
Enterprise SSD Form Factor Revision 1.0A
PCI Express U.2 Module Specification Revision 0.9
Board Size:
100.2mm X 69.85mm (3.945”X 2.750”)
PCI Express Card Type:
X4 Lane
PCI Express Voltage
+12V ± 15%


Similar Part No. - M20SSD

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20S-02150A120 SICK-M20S-02150A120 Datasheet
1Mb / 7P
MULTIPLE LIGHT BEAM SAFETY DEVICES
2017-06-14
M20S-02150A120 SICK-M20S-02150A120 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20S-02150A122 SICK-M20S-02150A122 Datasheet
1Mb / 7P
MULTIPLE LIGHT BEAM SAFETY DEVICES
2017-06-14
M20S-02150A122 SICK-M20S-02150A122 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
2017-06-14
M20S-02150A220 SICK-M20S-02150A220 Datasheet
1Mb / 5P
MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - M20SSD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U457-1M2-NVMEG2 TRIPPLITE-U457-1M2-NVMEG2 Datasheet
172Kb / 3P
USB-C to M.2 NVMe SSD (M-Key) Enclosure Adapter - USB 3.1 Gen 2 (10 Gbps), Thunderbolt 3, UASP
logo
Greenliant systems
G7200 GREENLIANT-G7200 Datasheet
161Kb / 5P
NVMe U.2 EnduroSLC Industrial Enterprise SSD
logo
Kingston Technology Far...
DC1000B KINGSTON-DC1000B Datasheet
357Kb / 2P
DC1000B M.2 NVME SSD
logo
Tripp Lite. All Rights ...
U357-1M2-NVMEG2 TRIPPLITE-U357-1M2-NVMEG2 Datasheet
164Kb / 3P
M.2 SSD Enclosure for PlayStation 5 - USB 3.2 Gen 2, PCIe and NVMe, Aluminum Housing
U457-1M2-NVME-L TRIPPLITE-U457-1M2-NVME-L Datasheet
177Kb / 3P
USB-C to M.2 NVMe and SATA SSD (M-Key) Gaming Enclosure Adapter - USB 3.2 Gen 2 (10 Gbps), LEDs
P970-U2M2 TRIPPLITE-P970-U2M2 Datasheet
54Kb / 2P
U.2 to M.2 Adapter for M.2 PCIe NVMe SSD, SFF- 8639
PCE-U2-PX4 TRIPPLITE-PCE-U2-PX4 Datasheet
44Kb / 2P
U.2 to PCIe Adapter for 2.5" NVMe U.2 SSD, SFF- 8639, PCI Express (x4) Card
logo
Kingston Technology Far...
SEDC1500M KINGSTON-SEDC1500M Datasheet
219Kb / 2P
DC1500M U.2 ENTERPRISE SSD
logo
Advantech Co., Ltd.
SQF-CU2-ER-1 ADVANTECH-SQF-CU2-ER-1 Datasheet
379Kb / 1P
PCIe Gen.4 x4 U.2 2.5" SSD
29-Jul-2022
logo
Micron Technology
MTFDKCC6T4TGJ-1BC1ZABYY MICRON-MTFDKCC6T4TGJ-1BC1ZABYY Datasheet
1Mb / 2P
MICRON 9400 NVMe SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com