Electronic Components Datasheet Search
  English  ▼

X  

1939620 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1939620
Description  Printed-circuit board connector - GFKC 2,5/12-STF-7,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1939620 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1939620 Datasheet HTML 1Page - PHOENIX CONTACT 1939620 Datasheet HTML 2Page - PHOENIX CONTACT 1939620 Datasheet HTML 3Page - PHOENIX CONTACT 1939620 Datasheet HTML 4Page - PHOENIX CONTACT 1939620 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1939620
10/23/2014   Page 1 / 5
Printed-circuit board connector - GFKC 2,5/12-STF-7,5 - 1939620
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V, Number of positions: 12, Pitch: 7.5 mm,
Connection method: Spring-cage connection, Color: green, Contact surface: Tin, COMBICON connectors may
only be activated under no load conditions. If for operating reasons small loads must be switched, experimental
values are available upon request.
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
27.58 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
7.5 mm
Dimension a
82.5 mm
General
Range of articles
GFKC 2,5/..-STF
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
400 V
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A


Similar Part No. - 1939620

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19396240445 HARTING-19396240445 Datasheet
639Kb / 2P
Han 24HP Direct/B-HTE-M20 Hood
19396240446 HARTING-19396240446 Datasheet
639Kb / 2P
Han 24HP Direct/B-HTE-M25 Hood
19396240447 HARTING-19396240447 Datasheet
639Kb / 2P
Han 24HP Direct/B-HTE-M32 Hood
19396240448 HARTING-19396240448 Datasheet
639Kb / 2P
Han 24HP Direct/B-HTE-M40 Hood
19396240545 HARTING-19396240545 Datasheet
623Kb / 2P
Han 24HP Direct/B-HSE-M20 Hood
More results

Similar Description - 1939620

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1939523 PHOENIX-1939523 Datasheet
81Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 2-STF-7,5
1939536 PHOENIX-1939536 Datasheet
80Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 3-STF-7,5
1939549 PHOENIX-1939549 Datasheet
80Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 4-STF-7,5
1939552 PHOENIX-1939552 Datasheet
81Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 5-STF-7,5
1939565 PHOENIX-1939565 Datasheet
81Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 6-STF-7,5
1939578 PHOENIX-1939578 Datasheet
80Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 7-STF-7,5
1939581 PHOENIX-1939581 Datasheet
80Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 8-STF-7,5
1939594 PHOENIX-1939594 Datasheet
81Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 9-STF-7,5
1939604 PHOENIX-1939604 Datasheet
81Kb / 5P
Printed-circuit board connector - GFKC 2,5/10-STF-7,5
1939617 PHOENIX-1939617 Datasheet
80Kb / 5P
Printed-circuit board connector - GFKC 2,5/11-STF-7,5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com