Electronic Components Datasheet Search
  English  ▼

X  

IXSH40N60 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXSH40N60
Description  Low VCE(sat) IGBT, High Speed IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH40N60 Datasheet(HTML) 4 Page - IXYS Corporation

  IXSH40N60 Datasheet HTML 1Page - IXYS Corporation IXSH40N60 Datasheet HTML 2Page - IXYS Corporation IXSH40N60 Datasheet HTML 3Page - IXYS Corporation IXSH40N60 Datasheet HTML 4Page - IXYS Corporation IXSH40N60 Datasheet HTML 5Page - IXYS Corporation IXSH40N60 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: 408-982-0700, Fax: 408-496-0670
IXSH 40N60
IXSM 40N60
IXSH 40N60A
IXSM 40N60A
Time - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
V
CE - Volts
0
100
200
300
400
500
600
700
0.01
0.1
1
10
100
T
J = 125°C
R
G = 22Ω
dV/dt < 6V/ns
Q
g- nCoulombs
0
50
100
150
200
250
0
3
6
9
12
15
I
C = 40A
V
CE = 480V
R
G - Ohms
0
10203040
50
0
2
4
6
8
10
0
200
400
600
800
1000
I
C - Amperes
0
102030
40506070
80
0
250
500
750
1000
0
3
6
9
12
Single Pulse
D = Duty Cycle
D=0.01
D=0.5
D=0.2
D=0.02
t
fi (-A)
hi-speed
E
off (-A)
hi-speed
T
J = 125°C
R
G = 10Ω
t
fi (-A), hi-speed
E
off (-A), hi-speed
T
J = 125°C
I
C = 40A
D=0.05
D=0.1
Fig.11 Transient Thermal Impedance
Fig.9 Gate Charge Characteristic Curve
Fig.10
Turn-Off Safe Operating Area
Fig.7 Turn-Off Energy per Pulse and
Fig.8 Dependence of Turn-Off Energy
Fall Time on Collector Current
Per Pulse and Fall Time on R
G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com